Electronic Components Datasheet Search
  English  ▼

X  

PE7146 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE7146
Description  SPDT Electromechanical Relay Pulse Latching Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7146 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE7146 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7146 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7146 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE7146 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE7146 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE7146 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Features
• SPDT Switch
• DC to 18GHz Frequency Range
• 1M Cycles Min Lifetime
• Pulse Latching Switch
• Break before Make
• -40 to +85 Deg C Operating Temperature
• Insertion Loss 0.5 dB Max
• VSWR 1.5:1 Max
• +12 Vdc Operating Voltage
Applications
• Test & Measurement
• Instrumentation
.
Description
The PE7146 is a Single Pole Double Throw Electromechanical Relay Switch that operates from DC to 18 GHz and can
handle up to 85 Watts of CW input power in a Break before Make condition. This design features a Pulse Latching Actuator
with Indicators and is rated for 1M Life Cycles. Insertion loss is specified from 0.2 dB max and Isolation from 80 dB min, with
+8.5 Vdc operating voltage. Performance is guaranteed over -40 deg C to +85 deg C, and the switch assembly is RoHS and
REACH compliant. The package interface uses solder terminals and SMA female connectors.
Electrical Specifications
Switch Type
SPDT, Reflective
Actuator Type
Pulse Latching
Switching Sequence
Break before Make
Actuator Options
Indicators
Pickup Voltage
8.5 Volts
Indicator Rating
5 Watts / 175 Volts / 250 mA
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
18
GHz
Impedance
50
Ohms
Operating Voltage
10
12
14
Volts
Actuating Current @ 12 Volts
215
mA
VSWR
1.5:1
Insertion Loss
0.5
dB
Isolation
60
dB
Input Power (CW)
35
Watts
. .
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: SPDT Electromechanical Relay Pulse Latching Switch DC to 18 GHz, SMA, 35 Watts,
175V Indicator, 12V Control with Indicators PE7146
PE7146 REV 1.1
SPDT Electromechanical Relay Pulse Latching
Switch DC to 18 GHz, SMA, 35 Watts,
175V Indicator, 12V Control with Indicators
Electromechanical Relay Switches Technical Data Sheet
PE7146


Similar Part No. - PE7146

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7146 PASTERNACK-PE7146 Datasheet
273Kb / 1P
SMA SPDT RELAY SWITCH, INDICATORS & PULSE LATCHING
More results

Similar Description - PE7146

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7149 PASTERNACK-PE7149_17 Datasheet
515Kb / 3P
SPDT Electromechanical Relay Pulse Latching Switch
PE7156 PASTERNACK-PE7156_16 Datasheet
371Kb / 3P
DPDT Electromechanical Relay Pulse Latching Switch
PE7158 PASTERNACK-PE7158_15 Datasheet
425Kb / 3P
DPDT Electromechanical Relay Pulse Latching Switch
PEWGS6000 PASTERNACK-PEWGS6000 Datasheet
555Kb / 8P
WR-28 Waveguide Electromechanical Relay SPDT Latching Switch
PEWGS6013 PASTERNACK-PEWGS6013 Datasheet
559Kb / 8P
WR-75 Waveguide Electromechanical Relay SPDT Latching Switch
PEWGS6014 PASTERNACK-PEWGS6014 Datasheet
557Kb / 8P
WR-75 Waveguide Electromechanical Relay SPDT Latching Switch
PEWGS6015 PASTERNACK-PEWGS6015 Datasheet
558Kb / 8P
WR-75 Waveguide Electromechanical Relay SPDT Latching Switch
PEWGS6021 PASTERNACK-PEWGS6021 Datasheet
531Kb / 6P
WR-112 Waveguide Electromechanical Relay SPDT Latching Switch
PEWGS6022 PASTERNACK-PEWGS6022 Datasheet
527Kb / 6P
WR-112 Waveguide Electromechanical Relay SPDT Latching Switch
PEWGS6025 PASTERNACK-PEWGS6025 Datasheet
557Kb / 8P
WR-137 Waveguide Electromechanical Relay SPDT Latching Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com