Electronic Components Datasheet Search
  English  ▼

X  

PE7148 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE7148
Description  SPDT Electromechanical Relay Failsafe Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7148 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE7148 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7148 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7148 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE7148 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE7148 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE7148 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Performance by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency Range
DC to 1
1 to 2
2 to 3
3 to 4
GHz
VSWR, Max
1.1:1
1.15:1
1.25:1
1.3:1
Insertion Loss, Max
0.1
0.15
0.2
0.25
dB
Isolation, Min
80
80
80
70
dB
Input Power, Typ (CW)
550
400
325
275
Watts
.
Electrical Specification Notes:
Intermodulation measured with two 250 Watt signals (F1 = 825 MHz, F2 = 850 MHz)
Mechanical Specifications
Size
Length
2.5 in [63.5 mm]
Width/Diameter
1 in [25.4 mm]
Height
2.34 in [59.44 mm]
.
Weight
0.41 lbs [185.97 g]
Body Material and Plating
Aluminum, Black Anodized
Package Type
Connectorized Module
.
Operating Life
1,000,000 Cycles
Switching Time
20 ms Max
Connectors
RF Connector Type
N Female
RF Connector Contact Material and Plating
Beryllium Copper, Gold
RF Connector Body Material and Plating
Passivated Stainless Steel
Control Connector
Solder Terminals
Mechanical Specification Notes:
RF Connector mating requirements per MIL-C-39012
Environmental Specifications
Temperature
Operating Range
-40 to +85 deg C
Storage Range
-55 to +100 deg C
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
12/17/2014
Plotted and Other Data
Notes:
PE7148 REV 1.1
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SPDT Electromechanical Relay Failsafe Switch DC to 4 GHz, N, 275 Watts, 12V Control
PE7148
Electromechanical Relay Switches Technical Data
PE7148
SPDT Electromechanical Relay Failsafe Switch
DC to 4 GHz, N, 275 Watts, 12V Control



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com