Electronic Components Datasheet Search
  English  ▼

X  

PE7148 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE7148
Description  SPDT Electromechanical Relay Failsafe Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7148 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE7148 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7148 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7148 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE7148 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE7148 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE7148 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Features
• SPDT Switch
• DC to 4GHz Frequency Range
• 1M Cycles Min Lifetime
• Failsafe Switch
• Break before Make
• -40 to +85 Deg C Operating Temperature
• Insertion Loss 0.25 dB Max
• VSWR 1.3:1 Max
• +12 Vdc Operating Voltage
•
Power Handling 275 Watts
Applications
• Test & Measurement
• Instrumentation
.
Description
The PE7148 is a Single Pole Double Throw Electromechanical Relay Switch that operates from DC to 4 GHz and can handle
up to 550 Watts of CW input power in a Break before Make condition. This design features a Failsafe Actuator and is rated
for 1M Life Cycles. Insertion loss is specified from 0.1 dB max and Isolation from 80 dB min, with +9 Vdc operating voltage.
Performance is guaranteed over -40 deg C to +85 deg C, and the switch assembly is RoHS and REACH compliant. The
package interface uses solder terminals and N female connectors.
Electrical Specifications
Switch Type
SPDT, Reflective
Actuator Type
Failsafe
Switching Sequence
Break before Make
Pickup Voltage
9 Volts
Dropout Voltage
2 Volts
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
4
GHz
Impedance
50
Ohms
Operating Voltage
10
12
14
Volts
Actuating Current @ 12 Volts
133
mA
VSWR
1.3:1
Insertion Loss
0.25
dB
Isolation
70
dB
Third Order Intermodulation
95
dBc
Input Power (CW)
275
Watts
. .
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SPDT Electromechanical Relay Failsafe Switch DC to 4 GHz, N, 275 Watts, 12V Control
PE7148
PE7148 REV 1.1
SPDT Electromechanical Relay Failsafe Switch
DC to 4 GHz, N, 275 Watts, 12V Control
Electromechanical Relay Switches Technical Data Sheet
PE7148


Similar Part No. - PE7148

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7148 PASTERNACK-PE7148 Datasheet
239Kb / 1P
N SPDT RELAY SWITCH, FAILSAFE
More results

Similar Description - PE7148

ManufacturerPart #DatasheetDescription
logo
Advanced Technical Mate...
S2810H ATM-S2810H Datasheet
62Kb / 1P
OUTLINE, S2810H ELECTROMECHANICAL RF SWITCH, SPDT, FAILSAFE
logo
Pasternack Enterprises,...
PE7141 PASTERNACK-PE7141 Datasheet
250Kb / 1P
SMA SPDT RELAY SWITCH FAILSAFE
PE7142 PASTERNACK-PE7142 Datasheet
120Kb / 1P
SMA SPDT RELAY SWITCH FAILSAFE
PE7148 PASTERNACK-PE7148 Datasheet
239Kb / 1P
N SPDT RELAY SWITCH, FAILSAFE
PE7141 PASTERNACK-PE7141_15 Datasheet
434Kb / 6P
SPDT Electromechanical Relay Failsafe Switch
PE7142 PASTERNACK-PE7142_15 Datasheet
448Kb / 6P
SPDT Electromechanical Relay Failsafe Switch
PE7147 PASTERNACK-PE7147_15 Datasheet
444Kb / 6P
SPDT Electromechanical Relay Failsafe Switch
PE7150 PASTERNACK-PE7150_15 Datasheet
452Kb / 6P
Transfer Electromechanical Relay Failsafe Switch
PE7153 PASTERNACK-PE7153_15 Datasheet
475Kb / 6P
Transfer Electromechanical Relay Failsafe Switch
PE71S6347 PASTERNACK-PE71S6347_V01 Datasheet
802Kb / 8P
SPDT Electromechanical Relay Failsafe Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com