Electronic Components Datasheet Search
  English  ▼

X  

EMZ1 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # EMZ1
Description  Dual Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

EMZ1 Datasheet(HTML) 2 Page - Micro Commercial Components

  EMZ1 Datasheet HTML 1Page - Micro Commercial Components EMZ1 Datasheet HTML 2Page - Micro Commercial Components EMZ1 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Revision: A
2013/10/28
E
MZ1
Micro Commercial Components
MCC
TM
www.mccsemi.com
2 of 3
Tr1 NPN ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=50μA,IE=0
60
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=1mA,IB=0
50
V
Emitter-base breakdown voltage
V(BR)EBO
IE=50μA,IC=0
7
V
Collector cut-off current
ICBO
VCB=60V,IE=0
0.1
μA
Emitter cut-off current
IEBO
VEB=7V,IC=0
0.1
μA
DC current gain
hFE
VCE=6V,IC=1mA
120
560
Collector-emitter saturation voltage
VCE(sat)
IC=50mA,IB=5mA
0.4
V
Transition frequency
fT
VCE=12V,IC=2mA, f=100MHz
180
MHz
Output capacitance
Cob
VCB=12V,IE=0, f=1MHz
3.
5
pF
Tr2 PNP ELECTRICAL CHARACTERISTICS (T a=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=-50μA,IE=0
-
60
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=-1mA,IB=0
-
50
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-50μA,IC=0
-6
V
Collector cut-off current
ICBO
VCB=-60V,IE=0
-
0.1
μA
Emitter cut-off current
IEBO
VEB=- V,IC=0
-
0.1
μA
DC current gain
hFE
VCE=-6V,IC=-1mA
120
560
Collector-emitter saturation voltage
VCE(sat)
IC=-50mA,IB=-5mA
-
0.5
V
Transition frequency
fT
VCE=-12V,IC= 2mA,f=100MHz
140
MHz
Output capacitance
Cob
VCB=-12V,IE=0, f=1MHz
5.0
pF



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com