Electronic Components Datasheet Search
  English  ▼

X  

EMZ1 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # EMZ1
Description  Dual Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

EMZ1 Datasheet(HTML) 1 Page - Micro Commercial Components

  EMZ1 Datasheet HTML 1Page - Micro Commercial Components EMZ1 Datasheet HTML 2Page - Micro Commercial Components EMZ1 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Mechanical Data
Case: SOT-563, Molded Plastic
Polarity: See Diagram
EMZ1
Dual Transistors
Features
2SC2412 and 2SA1037 are housed independently in a package
Mounting cost and area can be cut in half.
Transistor elements independent, eliminating interference
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
Revision:
A
20
13/10/28
www.mccsemi.com
1 of 3
MARKING:Z1
•
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisure Sensitivity Level 1
Halogen free available upon request by adding suffix "-HF"
•
VCBO
Collector-Base Voltage
60
V
VCEO
Collector-Emitter Voltage
50
V
VEBO
Emitter-Base Voltage
7
V
IC
Collector Current -Continuous
150
mA
PC
Collector Dissipation
150
mW
Tj
Junction temperature
150
℃
TSTG
Storage Temperature
-55~+150
℃
Tr1 Absolute maximum ratings (Ta=25
oC)
Symbol
Parameter
Limits
Units
VCBO
Collector-Base Voltage
-
60
V
VCEO
Collector-Emitter Voltage
-
50
V
VEBO
Emitter-Base Voltage
-6
V
IC
Collector Current -Continuous
-
150
mA
PC
Collector Dissipation
150
mW
Tj
Junction temperature
150
℃
TSTG
Storage Temperature
-55~+150
℃
Tr2 Absolute maximum ratings (Ta=25
oC)
Symbol
Parameter
Limits
Units
MCC
TM
Micro Commercial Components
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.006
.011
0.15
0.30
B
.043
.049
1.10
1.25
C
.061
.067
1.55
1.70
D
.020
0.50
G
.035
.043
0.90
1.10
H
.059
.067
1.50
1.70
K
.021
.023
0.525
0.60
L
.004
.011
0.10
0.30
M
.004
.007
0.10
0.18
SOT-563
A
M
L
B C
H
K
G
D


Similar Part No. - EMZ1

ManufacturerPart #DatasheetDescription
logo
Rohm
EMZ1 ROHM-EMZ1 Datasheet
102Kb / 5P
General purpose transistor (dual transistors)
logo
SeCoS Halbleitertechnol...
EMZ1 SECOS-EMZ1 Datasheet
1Mb / 4P
Silicon Epitaxial Planar
logo
Rohm
EMZ1 ROHM-EMZ1 Datasheet
88Kb / 5P
General purpose transistor (dual transistors)
logo
Jiangsu Changjiang Elec...
EMZ1 JIANGSU-EMZ1 Datasheet
814Kb / 4P
Dual Transistors (NPNPNP)
logo
Rohm
EMZ1 ROHM-EMZ1 Datasheet
88Kb / 5P
General purpose transistor
More results

Similar Description - EMZ1

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
MD982 CENTRAL-MD982 Datasheet
54Kb / 1P
Dual Transistors
2N2060 CENTRAL-2N2060 Datasheet
52Kb / 1P
Dual Transistors
MD6002 CENTRAL-MD6002 Datasheet
54Kb / 1P
Dual Transistors
logo
Micro Commercial Compon...
UMH2N MCC-UMH2N Datasheet
375Kb / 4P
Dual Transistors
UMT1N MCC-UMT1N Datasheet
541Kb / 4P
Dual Transistors
UMH2N MCC-UMH2N_11 Datasheet
401Kb / 4P
Dual Transistors
UMT1N MCC-UMT1N_11 Datasheet
382Kb / 4P
Dual Transistors
UMB4N MCC-UMB4N Datasheet
787Kb / 4P
Dual Transistors
UMY1N MCC-UMY1N Datasheet
467Kb / 3P
Dual Transistors
EMD22 MCC-EMD22 Datasheet
326Kb / 3P
Dual Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com