Electronic Components Datasheet Search
  English  ▼

X  

MIC863 Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC863
Description  Dual Ultra Low Power Op Amp in SOT23-8
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC863 Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC863 Datasheet HTML 5Page - Micrel Semiconductor MIC863 Datasheet HTML 6Page - Micrel Semiconductor MIC863 Datasheet HTML 7Page - Micrel Semiconductor MIC863 Datasheet HTML 8Page - Micrel Semiconductor MIC863 Datasheet HTML 9Page - Micrel Semiconductor MIC863 Datasheet HTML 10Page - Micrel Semiconductor MIC863 Datasheet HTML 11Page - Micrel Semiconductor MIC863 Datasheet HTML 12Page - Micrel Semiconductor MIC863 Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
January 2005
9
MIC863
MIC863
Micrel
Small Signal Pulse Response
Test Circuit 3: AV = 1
TIME 10µs/div
AV = 1
V+ = +1.35V
V- = -1.35V
C
L = 2pF
R
L = 1MΩ
Small Signal Pulse Response
Test Circuit 3: AV = 1
TIME 10µs/div
AV = 1
V+ = 2.5V
V- = -2.5V
C
L = 2pF
R
L = 1MΩ
Small Signal Pulse Response
Test Circuit 3: AV = 1
TIME 10µs/div
AV = 1
V+ = 1.35V
V- = -1.35V
C
L = 50pF
R
L = 1MΩ
Small Signal Pulse Response
Test Circuit 3: AV = 1
TIME 10µs/div
AV = 1
V+ = 2.5V
V- = -2.5V
C
L = 50pF
R
L = 1MΩ
Small Signal Pulse Response
Test Circuit 3: AV = 1
TIME 10µs/div
AV = 1
V+ = 1.35V
V- = -1.35V
C
L = 100pF
R
L = 1MΩ
Functional Characteristics
Small Signal Pulse Response
Test Circuit 3: AV = 1
TIME 10µs/div
AV = 1
V+ = 2.5V
V- = -2.5V
C
L = 100pF
R
L = 1MΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com