Electronic Components Datasheet Search
  English  ▼

X  

MIC863 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC863
Description  Dual Ultra Low Power Op Amp in SOT23-8
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC863 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC863 Datasheet HTML 1Page - Micrel Semiconductor MIC863 Datasheet HTML 2Page - Micrel Semiconductor MIC863 Datasheet HTML 3Page - Micrel Semiconductor MIC863 Datasheet HTML 4Page - Micrel Semiconductor MIC863 Datasheet HTML 5Page - Micrel Semiconductor MIC863 Datasheet HTML 6Page - Micrel Semiconductor MIC863 Datasheet HTML 7Page - Micrel Semiconductor MIC863 Datasheet HTML 8Page - Micrel Semiconductor MIC863 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
MIC863
Micrel
MIC863
2
January 2005
Pin Description
Pin Number
Pin Name
Pin Function
1
OUTA
Output: Amplifier A Output
2
INA–
Amplifier A Inverting (Input)
3INA+
Amplifier A Non-Inverting (Input)
4V–
Negative Supply
5INB+
Amplifier B Non-Inverting (Input)
6
INB–
Amplifier B Inverting (Input)
7
OUTB
Output: Amplifier B Output
8V+
Positive Supply
Pin Configuration
1
OUTA
INA–
INA+
V–
8V+
OUTB
INB–
INB+
7
6
5
2
3
4
SOT23-8 (M8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com