Electronic Components Datasheet Search
  English  ▼

X  

SM600 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # SM600
Description  SWITCHING REGULATOR POWER OUTPUT STAGES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SM600 Datasheet(HTML) 3 Page - Microsemi Corporation

  SM600 Datasheet HTML 1Page - Microsemi Corporation SM600 Datasheet HTML 2Page - Microsemi Corporation SM600 Datasheet HTML 3Page - Microsemi Corporation SM600 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SM600/SM601/SM602/SM610/SM611/SM612
4/90 Rev 1.1 2/94
LINFINITY Microelectronics Inc.
Copyright
© 1994
11861 Western Avenue
∞
∞
∞
∞
∞ Garden Grove, CA 92841
3
(714) 898-8121
∞
∞
∞
∞
∞ FAX: (714) 893-2570
Current Delay Time
Current Rise Time
Voltage Rise Time
Voltage Storage Time
Voltage Fall Time
Current Fall Time
Efficiency (Note 5)
40
75
50
75
150
20
50
30
450
50
70
85
20
50
30
450
50
70
85
FIGURE 4 - NEGATIVE OUTPUT DOWN/UP (BUCK-BOOST) CONVERTER
FIGURE 3 - STEP DOWN (BUCK) CONVERTER
Test Conditions
Parameter
Units
SG610/611/612
SG600/601/602
Min.
Typ. Max.
ELECTRICAL CHARACTERISTICS (continued)
SM60X
SM60X
APPLICATION CIRCUITS
Note 4. In switching an inductive load, the current will lead the voltage on turn-on and lag the voltage on turn-off (see Figure 2). Therefore, Voltage
Delay Time (t
DV) ≅ tdi + tri and Current Storage Time (tsi) ≅ tsv + tfv .
Note 5. The efficiency is a measure of internal power losses and is equal to Output Power divided by Input Power. The switching speed circuit of Figure
1, in which the efficiency measured, is represenative of typical operating conditions for the SM600 series switching regulators.
Note 6. SM610/611/612 Test Circuit and waveforms are identical but of opposite polarity (V
IN
= -25V, V
OUT
= -5V, I
DRIVE
= +20mA).
Dynamic Characteristics (See Figures 1 & 2) (Notes 4 & 5)
AC TEST CIRCUIT AND SWITCHING TIME WAVEFORMS (Note 6)
SM600
SM601
SM602
FIGURE 1 - SM600/601/602 SWITCHING SPEED CIRCUIT
FIGURE 2 - SM600/601/602 SWITCHING WAVEFORMS
Min.
Typ. Max.
40
75
50
75
150
ns
ns
ns
ns
ns
ns
%



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com