Electronic Components Datasheet Search
  English  ▼

X  

SM600 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # SM600
Description  SWITCHING REGULATOR POWER OUTPUT STAGES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SM600 Datasheet(HTML) 2 Page - Microsemi Corporation

  SM600 Datasheet HTML 1Page - Microsemi Corporation SM600 Datasheet HTML 2Page - Microsemi Corporation SM600 Datasheet HTML 3Page - Microsemi Corporation SM600 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SM600/SM601/SM602/SM610/SM611/SM612
4/90 Rev 1.1 2/94
LINFINITY Microelectronics Inc.
Copyright
© 1994
11861 Western Avenue
∞
∞
∞
∞
∞ Garden Grove, CA 92841
2
(714) 898-8121
∞
∞
∞
∞
∞ FAX: (714) 893-2570
ABSOLUTE MAXIMUM RATINGS (Note 1)
SM600
SM601
SM602
SM610
SM611
SM612
Input Voltage, V
4 - 2 ........................................
60V
80V
100V
-60V
-80V
-100V
Output Voltage, V
1 - 2 .....................................
60V
80V
100V
-60V
-80V
-100V
Drive Input Reverse Voltage, V
3 - 4 ...............
5V
5V
5V
-5V
-5V
-5V
Output Current, I
1 .........................................
5A
5A
5A
-5A
-5A
-5A
Drive Current, I
3 ...........................................
-0.2A
-0.2A
-0.2A
0.2A
0.2A
0.2A
150
°C
-65
°C to 150°C
300
°C
Operating Junction Temperature
Hermetic (R Package) ..................................................
Storage Temperature Range .............................
Lead Temperature (Soldering, 10 Seconds) ...................
4.0
°C/W
4.0
°C/W
60.0
°C/W
Thermal Resistance
Power Switch,
θ
J - C ...................................................
Commutating Diode ..................................................
Case to Ambient,
θ
C - A ............................................
Note 1. Exceeding these ratings could cause damage to the device.
R Package:
Thermal Resistance-Junction to Case,
θ
JC .................. 4.0°C/W
Thermal Resistance-Junction to Ambient,
θ
JA .............. 40°C/W
Note A. Junction Temperature Calculation: T
J
= T
A
+ (P
D
x
θ
JA
).
Note B. The above numbers for
θ
JC are maximums for the limiting
thermal resistance of the package in a standard mount-
ing configuration. The
θ
JA numbers are meant to be
guidelines for the thermal performance of the device/pc-
board system. All of the above assume no ambient
airflow.
RECOMMENDED OPERATING CONDITIONS (Note 2)
SM600
SM601
SM602
SM610
SM611
SM612
Input Voltage, V
4 - 2 .........................................
50V
70V
90V
-50V
-70V
-90V
Output Voltage, V
1 - 2 ......................................
50V
70V
90V
-50V
-70V
-90V
Drive Input Reverse Voltage, V
3 - 4 .................
3V
3V
3V
-3V
-3V
-3V
Output Current, I
1 ...........................................
4A
4A
4A
-4A
-4A
-4A
Drive Current, I
3 ..............................................
-0.1A
-0.1A
-0.1A
0.1A
0.1A
0.1A
Note 2. Range over which the device is functional.
ELECTRICAL CHARACTERISTICS
(Unless otherwise specified, these specifications apply for the operating ambient temperature of T
A
= 25
°C. Low duty cycle pulse testing tech-
niques are used which maintains junction and case temperatures equal to the ambient temperature.)
I
4 = 2A(-2A), I3 = -20mA (20mA)
I
4 = 5A(-5A), I3 = -20mA (20mA)
I
4 = 2A(-2A)
I
4 = 5A(-5A)
V
4 = Rated input voltage
V
4 = Rated input voltage, TA = 125 °C
V
1 = Rated output voltage
V
1 = Rated output voltage, TA = 125 °C
On-State Voltage (Note 3)
Diode Forward Voltage (Note 3)
Off-State Current
Diode Reverse Current
Test Conditions
Parameter
Units
SG610/611/612
1.0
2.5
0.8
1.0
0.1
10
1.0
500
SG600/601/602
Note 3. Pulse test: Duration = 300
µs, Duty Cycle ≤ 2%.
Min.
Typ. Max. Min.
Typ. Max.
-1.5
-3.5
-1.0
-1.5
-10
-10
V
V
V
V
µA
µA
µA
µA
-1.0
-2.5
-0.8
-1.0
-0.1
-10
-1.0
-500
1.5
3.5
1.0
1.5
10
10
Operating Ambient Temperature Range
SM6XXR ....................................................... 0
°C to 70°C
SM6XXHRR ........................................... -55
°C to 125°C
THERMAL DATA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com