Electronic Components Datasheet Search
  English  ▼

X  

ML200X Datasheet(PDF) 3 Page - MicroPower Direct, LLC

Part # ML200X
Description  Ultra-Miniature, 2W Single & Dual SMT DC/DC Converters
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

ML200X Datasheet(HTML) 3 Page - MicroPower Direct, LLC

  ML200X Datasheet HTML 1Page - MicroPower Direct, LLC ML200X Datasheet HTML 2Page - MicroPower Direct, LLC ML200X Datasheet HTML 3Page - MicroPower Direct, LLC ML200X Datasheet HTML 4Page - MicroPower Direct, LLC ML200X Datasheet HTML 5Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MicroPower Direct • 292 Page Street Ste D Stoughton, MA 02072 • TEL: (781) 344-8226 • FAX: (781) 344-8481 • E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
Mechanical Dimensions, Single Output
Notes:
• All dimensions are typical in inches (mm)
• Tolerance x.xx = ±0.01 (±0.25)
• Pin 1 is marked by a “dot” or indentation
on the unit
Pin
Description
1-VIN
2+VIN
4-VOUT
5+VOUT
8NC
NC = Not for electrical connection
Notes:
• All dimensions are typical in inches (mm)
• Tolerance x.xx = ±0.01 (±0.25)
• Pin 1 is marked by a “dot” or indentation on the unit
Pin
Description
1-VIN
2+VIN
4
Common
5-VOUT
6
No Pin
7+VOUT
10
NC
NC = Not for electrical connection
Pin Connections
Board Layout
Pin Connections
Board Layout
Mechanical Dimensions, Dual Output



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com