Electronic Components Datasheet Search
  English  ▼

X  

SFH4716AS-BBCA Datasheet(PDF) 3 Page - OSRAM GmbH

Part # SFH4716AS-BBCA
Description  OSLON Black Series
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4716AS-BBCA Datasheet(HTML) 3 Page - OSRAM GmbH

  SFH4716AS-BBCA Datasheet HTML 1Page - OSRAM GmbH SFH4716AS-BBCA Datasheet HTML 2Page - OSRAM GmbH SFH4716AS-BBCA Datasheet HTML 3Page - OSRAM GmbH SFH4716AS-BBCA Datasheet HTML 4Page - OSRAM GmbH SFH4716AS-BBCA Datasheet HTML 5Page - OSRAM GmbH SFH4716AS-BBCA Datasheet HTML 6Page - OSRAM GmbH SFH4716AS-BBCA Datasheet HTML 7Page - OSRAM GmbH SFH4716AS-BBCA Datasheet HTML 8Page - OSRAM GmbH SFH4716AS-BBCA Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Version 1.6
SFH 4716AS
2018-02-07
3
Grouping (TA = 25 °C)
Total radiant flux
(I
F = 1.5 A, tp = 100 µs)
(typ)
Φe
1900
mW
Total radiant flux
(I
F = 1 A, tp = 10 ms)
(typ)
Φ
e
1270
mW
Temperature coefficient of I
e or Φe
(IF = 1 A, tp = 10 ms)
(typ)
TC
I
-0.3
% / K
Temperature coefficient of VF
(IF = 1 A, tp = 10 ms)
(typ)
TCV
-2
mV / K
Temperature coefficient of wavelength
(I
F = 1 A, tp = 10 ms)
(typ)
TCλ
0.3
nm / K
Group
Min Radiant Intensity
Max Radiant Intensity
I
F = 1 A, tp = 10 ms
I
F = 1 A, tp = 10 ms
I
e, min [mW / sr]
I
e, max [mW / sr]
SFH 4716AS -BB
200
320
SFH 4716AS -CA
250
400
SFH 4716AS -CB
320
500
Note:
measured at a solid angle of Ω = 0.01 sr
Only one group in one packing unit (variation lower 1.6:1).
Parameter
Symbol
Values
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com