Electronic Components Datasheet Search
  English  ▼

X  

SFH4716AS-BBCA Datasheet(PDF) 4 Page - OSRAM GmbH

Part # SFH4716AS-BBCA
Description  OSLON Black Series
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4716AS-BBCA Datasheet(HTML) 4 Page - OSRAM GmbH

  SFH4716AS-BBCA Datasheet HTML 1Page - OSRAM GmbH SFH4716AS-BBCA Datasheet HTML 2Page - OSRAM GmbH SFH4716AS-BBCA Datasheet HTML 3Page - OSRAM GmbH SFH4716AS-BBCA Datasheet HTML 4Page - OSRAM GmbH SFH4716AS-BBCA Datasheet HTML 5Page - OSRAM GmbH SFH4716AS-BBCA Datasheet HTML 6Page - OSRAM GmbH SFH4716AS-BBCA Datasheet HTML 7Page - OSRAM GmbH SFH4716AS-BBCA Datasheet HTML 8Page - OSRAM GmbH SFH4716AS-BBCA Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
2018-02-07
4
Version 1.6
SFH 4716AS
Relative Spectral Emission 1) page 13
Irel = f (λ), TA = 25 °C, IF =1A, tp = 10 ms
Relative Total Radiant Flux 1) page 13
Φe/Φe(1A) = f (IF), TA = 25 °C, Single pulse,
tp = 100 μs
Max. Permissible Forward Current
IF = f (TS), RthJS = 9 K/W
Forward Current 1) page 13
IF = f(VF), single pulse, tp = 100 µs, TA= 25°C
700
0
nm
%
OHF04132
20
40
60
80
100
950
750
800
850
Irel
λ
OHF05693
1
10
F
I
10
0
-1
10
10
-2
A
10
-3
10
-2
10
-1
10
0
1
10
Φ (1 A)
e
Φ
e
0
0
˚C
TS
F
I
A
OHF05690
25
50
75
100
150
0.5
1.0
1.5
2.0
OHF05694
F
I
V
A
2.5
F
V
5
5
0
10
1
10
10
-1
10
-2
3
3.5
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com