Electronic Components Datasheet Search
  English  ▼

X  

BAS21H Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BAS21H
Description  Single high-voltage switching diode in small SOD123F package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAS21H Datasheet(HTML) 4 Page - NXP Semiconductors

  BAS21H Datasheet HTML 1Page - NXP Semiconductors BAS21H Datasheet HTML 2Page - NXP Semiconductors BAS21H Datasheet HTML 3Page - NXP Semiconductors BAS21H Datasheet HTML 4Page - NXP Semiconductors BAS21H Datasheet HTML 5Page - NXP Semiconductors BAS21H Datasheet HTML 6Page - NXP Semiconductors BAS21H Datasheet HTML 7Page - NXP Semiconductors BAS21H Datasheet HTML 8Page - NXP Semiconductors BAS21H Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
9397 750 14879
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 11 April 2005
4 of 9
Philips Semiconductors
BAS21H
Single high-voltage switching diode in small SOD123F package
(1) Tamb = 150 °C; typical values
(2) Tamb =25 °C; typical values
(3) Tamb =25 °C; maximum values
Based on square wave currents
(1) Tj =25 °C; prior to surge
Fig 1.
Forward current as a function of forward
voltage
Fig 2.
Non-repetitive peak forward current as a
function of pulse duration
(1) VR = VRmax; maximum values
(2) VR = VRmax; typical values
Tamb =25 °C; f = 1 MHz
Fig 3.
Reverse current as a function of junction
temperature
Fig 4.
Diode capacitance as a function of reverse
voltage; typical values
600
IF
(mA)
0
200
400
mbg384
02
1
VF (V)
(1)
(3)
(2)
mbg703
10
1
102
IFSM
(A)
10−1
tp (µs)
1104
103
10
102
mbg381
200
0
100
Tj (°C)
10
IR
(mA)
1
10−2
102
10−1
(1)
(2)
mbg447
04
8
6
2
VR (V)
1.0
0.8
0.2
0.6
0.4
Cd
(pF)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com