Electronic Components Datasheet Search
  English  ▼

X  

BAS21H Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BAS21H
Description  Single high-voltage switching diode in small SOD123F package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAS21H Datasheet(HTML) 3 Page - NXP Semiconductors

  BAS21H Datasheet HTML 1Page - NXP Semiconductors BAS21H Datasheet HTML 2Page - NXP Semiconductors BAS21H Datasheet HTML 3Page - NXP Semiconductors BAS21H Datasheet HTML 4Page - NXP Semiconductors BAS21H Datasheet HTML 5Page - NXP Semiconductors BAS21H Datasheet HTML 6Page - NXP Semiconductors BAS21H Datasheet HTML 7Page - NXP Semiconductors BAS21H Datasheet HTML 8Page - NXP Semiconductors BAS21H Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
9397 750 14879
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 11 April 2005
3 of 9
Philips Semiconductors
BAS21H
Single high-voltage switching diode in small SOD123F package
6.
Thermal characteristics
[1]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[2]
Reflow soldering is the only recommended soldering method.
7.
Characteristics
[1]
Pulse test: tp ≤ 300 µs; δ≤ 0.02.
[2]
When switched from IF = 30 mA to IR = 30 mA; RL = 100 Ω; measured at IR = 3 mA
Table 6:
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[1] [2] -
-
330
K/W
Rth(j-sp)
thermal resistance from
junction to solder point
-
-
70
K/W
Table 7:
Characteristics
Tamb = 25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per diode
VF
forward voltage
IF = 100 mA
[1] --1
mV
IF = 200 mA
[1] -
-
1.25
mV
IR
reverse current
VR = 200 V
-
-
100
nA
VR = 200 V; Tj = 150 °C
-
-
100
µA
Cd
diode capacitance
VR = 0 V; f = 1 MHz
-
-
5
pF
trr
reverse recovery
time
[2] -
-
50
ns



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com