Electronic Components Datasheet Search
  English  ▼

X  

PHA-101 Datasheet(PDF) 2 Page - Mini-Circuits

Part # PHA-101
Description  Monolithic Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

PHA-101 Datasheet(HTML) 2 Page - Mini-Circuits

  PHA-101 Datasheet HTML 1Page - Mini-Circuits PHA-101 Datasheet HTML 2Page - Mini-Circuits PHA-101 Datasheet HTML 3Page - Mini-Circuits PHA-101 Datasheet HTML 4Page - Mini-Circuits PHA-101 Datasheet HTML 5Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Ultra High Dynamic Range
Monolithic Amplifier
Page 2 of 5
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
simplified schematic and pin description
Function
Pin Number
Description
RF IN
1
RF input pin. This pin requires the use of an external DC blocking capacitor chosen for
the frequency of operation.
RF-OUT and DC-IN
3
RF output and bias pin. DC voltage is present on this pin; therefore a DC blocking
capacitor is necessary for proper operation. An RF choke is needed to feed DC bias
without loss of RF signal due to the bias connection, as shown in “Recommended Ap-
plication Circuit”, Fig. 2
GND
2,4
Connections to ground. Use via holes as shown in “Suggested Layout for PCB Design”
to reduce ground path inductance for best performance.
0.05-1.5 GHz
CASE STYLE: DF782
PHA-101+
Product Features
• High IP3, 45 dBm typ. at 0.9 GHz
• Gain, 15.2 dB typ. at 0.9 GHz
• High Pout, P1dB 26 dBm typ. at 0.9 GHz
• Low noise figure, 4.0 dB at 0.9 GHz
• No external matching components required
• May be used as replacement for WJ AH101a,b
REV. A
M156908
PHA-101+
TH/RS/CP/AM
161024
General Description
PHA-101+ (RoHS compliant) is an advanced wideband amplifier fabricated using E-PHEMT technology
and offers extremely high dynamic range over a broad frequency range and with low noise figure. In
addition, the PHA-101+ has good input and output return loss over a broad frequency range without the
need for external matching components. Lead finish is SnAgNi. It has repeatable performance from lot
to lot and is enclosed in a SOT-89 package for very good thermal performance.
Typical Applications
• Base station infrastructure
• CATV
• LTE
RF-IN
RF-OUT
and DC-IN
GND
Notes:
a. Suitability for model replacement within a particular system must be determined by and is solely the responsibility of the customer based on, among other things, electrical performance
criteria, stimulus conditions, application, compatibility with other components and environmental conditions and stresses.
b. The WJ AH101 part number is used for identification and comparison purposes only.
3 RF-OUT & DC-IN
2 GROUND
1 RF-IN
4
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com