Electronic Components Datasheet Search
  English  ▼

X  

PHA-101 Datasheet(PDF) 3 Page - Mini-Circuits

Part # PHA-101
Description  Monolithic Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

PHA-101 Datasheet(HTML) 3 Page - Mini-Circuits

  PHA-101 Datasheet HTML 1Page - Mini-Circuits PHA-101 Datasheet HTML 2Page - Mini-Circuits PHA-101 Datasheet HTML 3Page - Mini-Circuits PHA-101 Datasheet HTML 4Page - Mini-Circuits PHA-101 Datasheet HTML 5Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Page 3 of 5
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Monolithic E-PHEMT MMIC Amplifier
PHA-101+
Absolute Maximum Ratings4
Parameter
Ratings
Operating Temperature (ground lead)
-40°C to 85°C
Storage Temperature
-65°C to 150°C
Operating Current at 9V
360 mA
Power Dissipation
3.25 W
Input Power (CW)
+24 dBm (5 minutes max.)
+20 dBm (continuous)
DC Voltage on Pin 3
11 V
4. Permanent damage may occur if any of these limits are exceeded.
Electrical maximum ratings are not intended for continuous normal operation.
1. Measured on Mini-Circuits Characterization test board TB-869+. See Characterization Test Circuit (Fig. 1)
2. Tested at Pout=8dBm / tone.
3. (Current at 85°C — Current at -45°C)/130
Electrical Specifications at 25°C, 50 ohms, unless noted
Parameter
Condition
(MHz)
Vd=9V1
Units
Min.
Typ.
Max.
Frequency range
0.05
1.5
GHz
Gain
50
—
15.3
—
dB
450
—
15.5
—
900
13.8
15.2
16.9
1500
—
15.0
—
Input return loss
50
10.7
dB
450
11.4
900
10.7
1500
9.5
Output return loss
50
13.2
dB
450
10.7
900
10.2
1500
8.9
Reverse isolation
20.5
dB
Output power @1dB compression
50
25.3
dBm
450
26.2
900
25.8
1500
25.4
Output IP32
50
—
47.0
—
dBm
450
—
44.3
—
900
40.0
45.0
—
1500
—
43.8
—
Noise figure
50
4.1
dB
450
3.9
900
4.0
1500
4.2
Device operating voltage
9.0
V
Device operating current
—
182
220
mA
Device current variation vs. temperature3
-4
µA/°C
Device current variation vs voltage
0.024
mA/mV
Thermal Resistance, junction-to-ground lead at 85°C stage temperature
20
°C/W



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com