Electronic Components Datasheet Search
  English  ▼

X  

368024 Datasheet(PDF) 3 Page - Lumberg

Part # 368024
Description  RAST 5 connectors, pitch 5.0 mm
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

368024 Datasheet(HTML) 3 Page - Lumberg

  368024 Datasheet HTML 1Page - Lumberg 368024 Datasheet HTML 2Page - Lumberg 368024 Datasheet HTML 3Page - Lumberg 368024 Datasheet HTML 4Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
36 3680
01/2018
3
types of tab contacts – and types of socket contacts
a
b
c
d
e
f
a
b
c
d
e
f
g
h
i
k
l
m
*a
K = keying
P = positioning
V = lock/space for lock
*b
partition, space for frames of counterparts
*c
printed circuit board
*d
insulation displacement contacts with neutral/protective
conductor bridges
*e
A = (P - 1) x 5 + (W - 5) x Y, max. 135 mm with one-piece
insulating body
P = poles
W1 = 7.5 mm/10.0 mm
W2 = 7.5 mm/12.5 mm/15.0 mm
Y = number of partitions (at least 1 partition every 12 contacts)
*f
pre-mating protective contact, protruding 1.5 mm, possible at
any position
*g
positioning spigot (optional)
*h
tab header
*i
socket board
*j
bore hole diameter 1.05 mm for press-fit of solder pins in
printed circuit board
*k
bore hole diameter 2.0 mm for press-fit of positioning spigot
in printed circuit board
*l
example for printed circuit board layout, solder side view
of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com