Electronic Components Datasheet Search
  English  ▼

X  

368024 Datasheet(PDF) 4 Page - Lumberg

Part # 368024
Description  RAST 5 connectors, pitch 5.0 mm
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

368024 Datasheet(HTML) 4 Page - Lumberg

  368024 Datasheet HTML 1Page - Lumberg 368024 Datasheet HTML 2Page - Lumberg 368024 Datasheet HTML 3Page - Lumberg 368024 Datasheet HTML 4Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
36 3680
01/2018
4
Designation
Pole Number
PU (Pieces)
MDQ (Pieces)
3680 02
2
200
3680 03
3
200
3680 04
4
200
3680 05
5
200
3680 06
6
200
3680 07
7
200
3680 08
8
200
3680 09
9
200
3680 10
10
200
3680 11
11
200
3680 12
12
200
3680 13
13
200
3680 14
14
200
3680 15
15
200
3680 16
16
200
3680 17
17
200
3680 18
18
200
3680 19
19
200
3680 20
20
200
3680 21
21
200
3680 22
22
200
3680 23
23
200
3680 24
24
200
3680 25
25
200
Designation to be completed by further details (e.g. for keying, color or material options).
Packaging:
in a cardboard box
of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com