Electronic Components Datasheet Search
  English  ▼

X  

DS83C520 Datasheet(PDF) 8 Page - Dallas Semiconductor

Part # DS83C520
Description  EPROM/ROM High-Speed Microcontrollers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS83C520 Datasheet(HTML) 8 Page - Dallas Semiconductor

Back Button DS83C520 Datasheet HTML 4Page - Dallas Semiconductor DS83C520 Datasheet HTML 5Page - Dallas Semiconductor DS83C520 Datasheet HTML 6Page - Dallas Semiconductor DS83C520 Datasheet HTML 7Page - Dallas Semiconductor DS83C520 Datasheet HTML 8Page - Dallas Semiconductor DS83C520 Datasheet HTML 9Page - Dallas Semiconductor DS83C520 Datasheet HTML 10Page - Dallas Semiconductor DS83C520 Datasheet HTML 11Page - Dallas Semiconductor DS83C520 Datasheet HTML 12Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
DS87C520/DS83C520 EPROM/ROM High-Speed Microcontrollers
8 of 44
Table 1. Special Function Register Locations
REGISTER
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
ADDRESS
P0
P0.7
P0.6
P0.5
P0.4
P0.3
P0.2
P0.1
P0.0
80h
SP
81h
DPL
82h
DPH
83h
DPL1
84h
DPH1
85h
DPS
0
0
0
0
0
0
0
SEL
86h
PCON
SMOD_0
SMOD0
—
—
GF1
GF0
STOP
IDLE
87h
TCON
TF1
TR1
TF0
TR0
IE1
IT1
IE0
IT0
88h
TMOD
GATE
C/
T
M1
M0
GATE
C/
T
M1
M0
89h
TL0
8Ah
TL1
8Bh
TH0
8Ch
TH1
8Dh
CKCON
WD1
WD0
T2M
T1M
T0M
MD2
MD1
MD0
8Eh
PORT1
P1.7
P1.6
P1.5
P1.4
P1.3
P1.2
P1.1
P1.0
90h
EXIF
IE5
IE4
IE3
IE
XT/
RG
RGMD
RGSL
BGS
91h
SCON0
SM0/FE_0
SM1_0
SM2_0
REN_0
TB8_0
RB8_0
TI_0
RI_0
98h
SBUF0
99h
P2
P2.7
P2.6
P2.5
P2.4
P2.3
P2.2
P2.1
P2.0
A0h
IE
EA
ES1
ET2
ES0
ET1
EX1
ET0
EX0
A8h
SADDR0
A9h
SADDR1
AAh
P3
P3.7
P3.6
P3.5
P3.4
P3.3
P3.2
P3.1
P3.0
B0h
IP
—
PS1
PT2
PS0
PT1
PX1
PT0
PX0
B8h
SADEN0
B9h
SADEN1
BAh
SCON1
SM0/FE_1
SM1_1
SM2_1
REN_1
TB8_1
RB8_1
TI_1
R1_1
C0h
SBUF1
SB7
SB6
SB5
SB4
SB3
SB2
SB1
SB0
C1h
ROMSIZE
—
—
—
—
—
RMS2
RMS1
RMS0
C2h
PMR
CD1
CD0
SWB
—
XTOFF
ALEOFF
DME1
DME0
C4h
STATUS
PIP
HIP
LIP
XTUP
SPTA1
SPTA1
SPTA0
SPRA0
C5h
TA
C7h
T2CON
TF2
EXF2
RCLK
TCLK
EXEN2
TR2
C/
T2
C/
RL2
C8h
T2MOD
—
—
—
—
—
—
T2OE
DCEN
C9h
RCAP2L
CAh
RCAP2H
CBh
TL2
CCh
TH2
CDh
PSW
CY
AC
F0
RS1
RS0
OV
FL
P
D0h
WDCON
SMOD_1
POR
EPFI
PFI
WDIF
WTRF
EWT
RWT
D8h
ACC
E0h
EIE
—
—
—
EWDI
EX5
EX4
EX3
EX2
E8h
B
F0h
EIP
—
—
—
PWDI
PX5
PX4
PX3
PX2
F8h
Note: New functions are in bold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com