Electronic Components Datasheet Search
  English  ▼

X  

DS83C520 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS83C520
Description  EPROM/ROM High-Speed Microcontrollers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS83C520 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS83C520 Datasheet HTML 1Page - Dallas Semiconductor DS83C520 Datasheet HTML 2Page - Dallas Semiconductor DS83C520 Datasheet HTML 3Page - Dallas Semiconductor DS83C520 Datasheet HTML 4Page - Dallas Semiconductor DS83C520 Datasheet HTML 5Page - Dallas Semiconductor DS83C520 Datasheet HTML 6Page - Dallas Semiconductor DS83C520 Datasheet HTML 7Page - Dallas Semiconductor DS83C520 Datasheet HTML 8Page - Dallas Semiconductor DS83C520 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
1 of 44
REV: 040104
Note: Some revisions of this device may incorporate deviations from published specifications known as errata. Multiple revisions of any device
may be simultaneously available through various sales channels. For information about device errata, click here: www.maxim-ic.com/errata.
FEATURES
§ 80C52 Compatible
8051 Pin- and Instruction-Set Compatible
Four 8-Bit I/O Ports
Three 16-Bit Timer/Counters
256 Bytes Scratchpad RAM
§ Large On-Chip Memory
16kB Program Memory
1kB Extra On-Chip SRAM for MOVX
§ ROMSIZE Feature
Selects Internal ROM Size from 0 to 16kB
Allows Access to Entire External Memory Map
Dynamically Adjustable by Software
Useful as Boot Block for External Flash
§ High-Speed Architecture
4 Clocks/Machine Cycle (8051 = 12)
Runs DC to 33MHz Clock Rates
Single-Cycle Instruction in 121ns
Dual Data Pointer
Optional Variable Length MOVX to Access
Fast/Slow RAM/Peripherals
§ Power Management Mode
Programmable Clock Source to Save Power
CPU Runs from (Crystal/64) or (Crystal/1024)
Provides Automatic Hardware and Software Exit
§ EMI Reduction Mode Disables ALE
§ Two Full-Duplex Hardware Serial Ports
§ High Integration Controller Includes:
Power-Fail Reset
Early-Warning Power-Fail Interrupt
Programmable Watchdog Timer
§ 13 Interrupt Sources with Six External
§ Available in 40-pin PDIP, 44-Pin PLCC, 44-Pin
TQFP, and 40-Pin Windowed CERDIP
§ Factory Mask DS83C520 or EPROM (OTP)
DS87C520
PIN CONFIGURATIONS
DS87C520/DS83C520
EPROM/ROM High-Speed Microcontrollers
www.maxim-ic.com
TOP VIEW
DALLAS is a registered trademark of Dallas Semiconductor Corp.
MAXIM is a registered trademark of Maxim Integrated Products, Inc.


Similar Part No. - DS83C520

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS83C520 DALLAS-DS83C520 Datasheet
1Mb / 45P
EPROM/ROM High-Speed Micro
DS83C520 DALLAS-DS83C520 Datasheet
1Mb / 42P
EPROM/ROM High-Speed Micro
DS83C520 DALLAS-DS83C520 Datasheet
715Kb / 43P
EPROM/ROM High-Speed Microcontrollers
logo
Maxim Integrated Produc...
DS83C520 MAXIM-DS83C520 Datasheet
715Kb / 43P
EPROM/ROM High-Speed Microcontrollers
REV: 022207
logo
Dallas Semiconductor
DS83C520-ECL DALLAS-DS83C520-ECL Datasheet
1Mb / 45P
EPROM/ROM High-Speed Micro
More results

Similar Description - DS83C520

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS87C520 DALLAS-DS87C520 Datasheet
1Mb / 45P
EPROM/ROM High-Speed Micro
logo
Maxim Integrated Produc...
DS83C530-DS87C530 MAXIM-DS83C530-DS87C530 Datasheet
749Kb / 46P
EPROM/ROM Microcontrollers with Real-Time Clock
logo
STMicroelectronics
ST7282 STMICROELECTRONICS-ST7282 Datasheet
260Kb / 23P
ROM FROM EPROM
26-Mar-1997
logo
Freescale Semiconductor...
MC68HC11D3 FREESCALE-MC68HC11D3 Datasheet
6Mb / 124P
ROM-based high-performance microcontrollers
logo
Dallas Semiconductor
DS87C530 DALLAS-DS87C530_05 Datasheet
866Kb / 47P
EPROM/ROM Microcontrollers with Real-Time Clock
DS87C520 DALLAS-DS87C520_1 Datasheet
1Mb / 42P
EPROM/ROM High-Speed Micro
DS83C520 DALLAS-DS83C520_07 Datasheet
715Kb / 43P
EPROM/ROM High-Speed Microcontrollers
logo
Maxim Integrated Produc...
DS87C520-QNL MAXIM-DS87C520-QNL Datasheet
715Kb / 43P
EPROM/ROM High-Speed Microcontrollers
REV: 022207
EN87C196CB MAXIM-EN87C196CB Datasheet
655Kb / 45P
EPROM/ROM Microcontrollers with Real-Time Clock
REV: 071107
QX87C196KT16 MAXIM-QX87C196KT16 Datasheet
715Kb / 43P
EPROM/ROM High-Speed Microcontrollers
REV: 022207
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com