Electronic Components Datasheet Search
  English  ▼

X  

SI5381 Datasheet(PDF) 21 Page - Silicon Laboratories

Part # SI5381
Description  Multi-DSPLL Wireless Jitter Attenuating Clocks
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5381 Datasheet(HTML) 21 Page - Silicon Laboratories

Back Button SI5381 Datasheet HTML 17Page - Silicon Laboratories SI5381 Datasheet HTML 18Page - Silicon Laboratories SI5381 Datasheet HTML 19Page - Silicon Laboratories SI5381 Datasheet HTML 20Page - Silicon Laboratories SI5381 Datasheet HTML 21Page - Silicon Laboratories SI5381 Datasheet HTML 22Page - Silicon Laboratories SI5381 Datasheet HTML 23Page - Silicon Laboratories SI5381 Datasheet HTML 24Page - Silicon Laboratories SI5381 Datasheet HTML 25Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 51 page
background image
3.5.9 Output Enable/Disable
The OEb pin provides a convenient method of disabling or enabling all of the output drivers at the same time. When the OEb pin is held
high all outputs will be disabled. When held low, the outputs will all be enabled. Outputs in the enabled state can still be individually
disabled through register control.
3.5.10 Output Disable During LOL
By default, a DSPLL that is out of lock will generate either free-running clocks or generate clocks in holdover mode. There is an option
to disable the outputs when a DSPLL is LOL. This option can be useful to force a downstream PLL into holdover.
3.5.11 Output Disable During Reference LOS (XAXB, Internal Crystal)
The internal oscillator circuit (OSC) in combination with the external XA/XB reference (Grade A) internal crystal (Grade E) provides a
critical function for the operation of the DSPLLs. In the event of a crystal failure, the device will assert an XAXB_LOS alarm. By default,
all outputs will be disabled during assertion of the XAXB_LOS alarm. There is an option to leave the outputs enabled during an
XAXB_LOS alarm, but the frequency accuracy and stability will be indeterminate during this fault condition. The internal oscillator circuit
(OSC) in combination with the external crystal (XTAL) provides a critical function for the operation of the DSPLLs.
3.5.12 Output Driver State When Disabled
The disabled state of an output driver is configurable as either disable low or disable high.
3.5.13 Synchronous Enable/Disable Feature
The output drivers provide a selectable synchronous enable/disable feature. Output drivers with this feature active will wait until a clock
period has completed before the driver is disabled or enabled. This prevents unwanted runt pulses from occurring when enabling or
disabling an output. When this feature is turned off, the output clock will disable immediately without waiting for the period to complete.
3.5.14 Output Divider (R) Synchronization
All the output R dividers are reset to a known state during the power-up initialization period. This ensures consistent and repeatable
phase alignment across all output drivers. Resetting the device using the RSTb pin or asserting the reset bit will have the same result.
Asserting the sync register bit provides another method of realigning the R dividers without resetting the device.
3.6 Power Management
Unused inputs and output drivers can be powered down when unused. Consult the ClockBuilder Pro configuration utility for details.
3.6.1 Power Down Pin (PDNb)
A power down pin is provided to force the device in a low power mode. The device’s configuration will be maintained but no output
clocks will be generated. Most of the internal blocks will be shut down but device communication via the serial interface will still be
available. When the PDNb pin is pulled low the outputs will shut down without glitching (the clock’s complete period will be generated
before shutting down). When PDNb is released the device will start generating clocks without glitches. The device will generate free-
running clocks until each DSPLL has acquired lock to the selected input clock source.
3.7 In-Circuit Programming
The Si5381/82 is fully configurable using the serial interface (I2C or SPI). At power-up, the device downloads its default register values
from internal non-volatile memory (NVM). Application specific default configurations can be written into NVM allowing the device to gen-
erate specific clock frequencies at power-up. Writing default values to NVM is in-circuit programmable with normal operating power sup-
ply voltages applied to its VDD and VDDA pins. The NVM is writable two times. Once a new configuration has been written to NVM, the
old configuration is no longer accessible. Refer to the Si5381/82 Family Reference Manual for a detailed procedure for writing registers
to NVM.
3.8 Serial Interface
Configuration and operation of the Si5381/82 is controlled by reading and writing registers using the I2C or SPI interface. The I2C_SEL
pin selects I2C or SPI operation. The Si5381/82 supports communication with a 3.3 V or 1.8 V host by setting the IO_VDD_SEL config-
uration bit. The SPI mode supports 4-wire or 3-wire by setting the SPI_3WIRE configuration bit.
Si5381/82 Data Sheet
Functional Description
silabs.com | Building a more connected world.
Preliminary Rev. 0.9 | 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com