Electronic Components Datasheet Search
  English  ▼

X  

SI8450 Datasheet(PDF) 4 Page - Silicon Laboratories

Part # SI8450
Description  LOW POWER FIVE-CHANNEL DIGITAL ISOLATOR
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI8450 Datasheet(HTML) 4 Page - Silicon Laboratories

  SI8450 Datasheet HTML 1Page - Silicon Laboratories SI8450 Datasheet HTML 2Page - Silicon Laboratories SI8450 Datasheet HTML 3Page - Silicon Laboratories SI8450 Datasheet HTML 4Page - Silicon Laboratories SI8450 Datasheet HTML 5Page - Silicon Laboratories SI8450 Datasheet HTML 6Page - Silicon Laboratories SI8450 Datasheet HTML 7Page - Silicon Laboratories SI8450 Datasheet HTML 8Page - Silicon Laboratories SI8450 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
Si8450/51/52/55
4
Rev. 1.5
1. Electrical Specifications
Table 1. Recommended Operating Conditions
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Ambient Operating Temperature*
TA
150 Mbps, 15 pF, 5 V
–40
25
125
°C
Supply Voltage
VDD1
2.70
—
5.5
V
VDD2
2.70
—
5.5
V
*Note: The maximum ambient temperature is dependent on data frequency, output loading, number of operating channels,
and supply voltage.
Table 2. Absolute Maximum Ratings1
Parameter
Symbol
Min
Typ
Max
Unit
Storage Temperature2
TSTG
–65
—
150
°C
Ambient Temperature Under Bias
TA
–40
—
125
°C
Supply Voltage (Revision A)3
VDD1, VDD2
–0.5
—
5.75
V
Supply Voltage (Revision B)3
VDD1, VDD2
–0.5
—
6.0
V
Input Voltage
VI
–0.5
—
VDD + 0.5
V
Output Voltage
VO
–0.5
—
VDD + 0.5
V
Output Current Drive Channel
IO
——
10
mA
Lead Solder Temperature (10 s)
—
—
260
°C
Maximum Isolation Voltage (1 s)
—
—
3600
VRMS
Notes:
1. Permanent device damage may occur if the absolute maximum ratings are exceeded. Functional operation should be
restricted to conditions as specified in the operational sections of this data sheet.
2. VDE certifies storage temperature from –40 to 150 °C.
3. See "6. Ordering Guide" on page 29 for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com