Electronic Components Datasheet Search
  English  ▼

X  

SI8450 Datasheet(PDF) 21 Page - Silicon Laboratories

Part # SI8450
Description  LOW POWER FIVE-CHANNEL DIGITAL ISOLATOR
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI8450 Datasheet(HTML) 21 Page - Silicon Laboratories

Back Button SI8450 Datasheet HTML 17Page - Silicon Laboratories SI8450 Datasheet HTML 18Page - Silicon Laboratories SI8450 Datasheet HTML 19Page - Silicon Laboratories SI8450 Datasheet HTML 20Page - Silicon Laboratories SI8450 Datasheet HTML 21Page - Silicon Laboratories SI8450 Datasheet HTML 22Page - Silicon Laboratories SI8450 Datasheet HTML 23Page - Silicon Laboratories SI8450 Datasheet HTML 24Page - Silicon Laboratories SI8450 Datasheet HTML 25Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
Si8450/51/52/55
Rev. 1.5
21
Table 13. Enable Input Truth Table1
P/N
EN11,2 EN21,2
Operation
Si8450
—
H
Outputs B1, B2, B3, B4, B5 are enabled and follow input state.
—
L
Outputs B1, B2, B3, B4, B5 are disabled and Logic Low or in high impedance
state.3
Si8451
H
X
Output A5 enabled and follow input state.
L
X
Output A5 disabled and Logic Low or in high impedance state.3
X
H
Outputs B1, B2, B3, B4 are enabled and follow input state.
X
L
Outputs B1, B2, B3, B4 are disabled and Logic Low or in high impedance state.3
Si8452
H
X
Outputs A4 and A5 are enabled and follow input state.
L
X
Outputs A4 and A5 are disabled and Logic Low or in high impedance state.3
X
H
Outputs B1, B2, B3 are enabled and follow input state.
X
L
Outputs B1, B2, B3 are disabled and Logic Low or in high impedance state.3
Si8455
—
—
Outputs B1, B2, B3, B4, B5 are enabled and follow input state.
Notes:
1. Enable inputs EN1 and EN2 can be used for multiplexing, for clock sync, or other output control. These inputs are
internally pulled-up to local VDD by a 3 µA current source allowing them to be connected to an external logic level (high
or low) or left floating. To minimize noise coupling, do not connect circuit traces to EN1 or EN2 if they are left floating. If
EN1, EN2 are unused, it is recommended they be connected to an external logic level, especially if the Si845x is
operating in a noisy environment.
2. X = not applicable; H = Logic High; L = Logic Low.
3. When using the enable pin (EN) function, the output pin state is driven to a logic low state when the EN pin is disabled
(EN = 0) in Revision A. Revision B outputs go into a high-impedance state when the EN pin is disabled (EN = 0). See
"3. Errata and Design Migration Guidelines" on page 26 for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com