Electronic Components Datasheet Search
  English  ▼

X  

RI80-2 Datasheet(PDF) 6 Page - Token Electronics Industry Co., Ltd.

Part # RI80-2
Description  High Voltage Surge Resistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

RI80-2 Datasheet(HTML) 6 Page - Token Electronics Industry Co., Ltd.

  RI80-2 Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. RI80-2 Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. RI80-2 Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. RI80-2 Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. RI80-2 Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. RI80-2 Datasheet HTML 6Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
http://www.token.com.tw
rfq@token.com.tw
Taiwan Factory: +886 2 29810109
China Factory: +86 755 26055363
Page: 5/5
General Information
Cost Effective Complete Selection of High Voltage Components
Token high voltage series can be specified for use in industrial and general purpose high voltage systems,
as well as a complete selection of high resistance, Hi-Meg, high-voltage, high frequency, and bulk
ceramic resistors for higher average power dissipation. These High Resistance, High Frequency, High
Resistance resistors combine the proven performance of Token resistance system with new cost efficient
design elements and high voltage applications.
Detailed specifications, both mechanical and electrical, please contact our sales representative for more
information.
High Voltage Applications
Resistors produced from Serpentine Pattern Screen Printing Design or bulk ceramic materials have
displayed several key advantages in demanding high-voltage situations, including both continuous-wave
and pulse applications. These include radar and broadcast transmitters, x-ray systems, defibrillators,
lasers, and high-voltage semiconductor process equipment applications, where resistors must handle
peak voltage anywhere from 8KV to 75KV.
Typical applications include current limit in capacitor charge/discharge, crowbar, and tube-arc circuits.
In these uses, bulk ceramic resistors provide low inductance, high average power per unit size, stability
at high voltage, and durability at extreme peak-power levels. Film resistors typically cannot withstand
high-voltage pulse applications.
RF/Digital Loads and High-Frequency Applications
Token Non-Inductive Voltage Resistors are used extensively for high-frequency RF loads in broadcast
and communication equipment because of their non-inductive characteristics. They provide excellent
non-inductive power-handling capacity at frequencies up to the gigahertz range, with no sacrifice in
power dissipation.
Film resistors may provide the needed non-inductive characteristics required by such RF applications,
but they have size limitations and present reliability problems due to potential film burnout. This is
especially true in advanced digital applications such as digital radio and TV transmitters involving
pulses at high frequencies.
Application Notes
 Due to the high voltage which can appear between the end cap and any adjacent metal part, resistors should
be mounted at an adequate distance from other conductors.
 An appropriate number of resistors may be screwed together as a stick to provide an assembly which will be
capable to withstanding any desired voltage, providing no individual resistor is subject to a greater stress or
power dissipation than is recommended in its data sheet, and that appropriate anticorona devices are fitted.
 The axial termination should not be bent closer than twice the diameter of the terminal wire from the body of
the resistor.
When resistors are required to be potted, the preferred encapsulant is a silicone compound.
Oil Immersion
For some high voltage applications it is required to immerse the components in oil or gas to reduce the
effects of corona and surface tracking. A special lacquer protected version of the resistor is available,
suitable for immersion in transformer oil or SF6.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com