Electronic Components Datasheet Search
  English  ▼

X  

RI80-2 Datasheet(PDF) 2 Page - Token Electronics Industry Co., Ltd.

Part # RI80-2
Description  High Voltage Surge Resistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

RI80-2 Datasheet(HTML) 2 Page - Token Electronics Industry Co., Ltd.

  RI80-2 Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. RI80-2 Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. RI80-2 Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. RI80-2 Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. RI80-2 Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. RI80-2 Datasheet HTML 6Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
http://www.token.com.tw
rfq@token.com.tw
Taiwan Factory: +886 2 29810109
China Factory: +86 755 26055363
Page: 1/5
Product Introduction
Features :
 Rated Wattage from 1W to 300W.
 Max Working Voltage from 10KV to 35KV.
 Resistance Tolerance G( ±2%), J(±5%),
K(±10%).
 Temperature Coefficient: 200 ppm/℃ to 400
ppm/℃.
 High Resistance Range from 1 Megohm to 1,000
Megohms.
Applications :
 Impulse voltage generators,
 Arc furnace damping, Energy research,
 Pulse modulators, Radar Pulse-forming networks,
 Capacitor crowbar circuits, High voltage snubber
circuits,
 X-ray/imaging equipment, and EMI/lightning
supression.
The tubular RI80 high voltage precision resistors were
specifically designed for general purpose high voltage systems
in industrial. The RI80 uses Token's proprietary thick film Metal
Glaze resistive element and Serpentine Pattern Design which
provides ideal cost efficient, stability, precision and high voltage
characteristics for a wide range of measurement, voltage divider
circuits, and control functions in high voltage power electronics
applications.
Token RI80 Precision Voltage Resistors are able to absorb large
amounts of energy at high voltage while remaining
non-inductive and heavy load characteristics. The RI80 conforms to the RoHS directives and Lead-free.
Customed design and tighter tolerances are available on request.
By utilizing specific ceramic core materials with optimum processing, Token are able to control, very
tightly in manufacturing, the important ultra-stable performance parameters in operating temperatures
from -55℃ to +70℃.
(RI80) can handle up to 35KV voltage. This unique process is offered in specific resistance values in a
wide variety of sizes and terminations. The extraordinary operating stability of the Type RI80 resistors
will improve the performance of your high voltage system.
The RI80 Precision Voltage Series is for customed designs, tighter tolerances, non-standard technical
requirements, or custom special applications, please contact our sales, or link to Token official website
"High Voltage Resistors" to get more information.
Serpentine Pattern Design Achieves High Power Voltage
Resistors (RI80).



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com