Electronic Components Datasheet Search
  English  ▼

X  

SL28540ALC Datasheet(PDF) 2 Page - Silicon Laboratories

Part # SL28540ALC
Description  Low Power Clock Generator for Intel짰Mobile Platform
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL28540ALC Datasheet(HTML) 2 Page - Silicon Laboratories

  SL28540ALC Datasheet HTML 1Page - Silicon Laboratories SL28540ALC Datasheet HTML 2Page - Silicon Laboratories SL28540ALC Datasheet HTML 3Page - Silicon Laboratories SL28540ALC Datasheet HTML 4Page - Silicon Laboratories SL28540ALC Datasheet HTML 5Page - Silicon Laboratories SL28540ALC Datasheet HTML 6Page - Silicon Laboratories SL28540ALC Datasheet HTML 7Page - Silicon Laboratories SL28540ALC Datasheet HTML 8Page - Silicon Laboratories SL28540ALC Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
SL28540
..................................................... Document #: Page 2 of 25
Pin Definitions
Pin No.
Name
Type
Description
1
Xout
O, SE 14.318 MHz Crystal output.
2Xin
I
14.318 MHz Crystal input.
3
VDD_REF
PWR
3.3V Power supply for outputs and maintains SMBUS registers during power
down.
4
REF0 / FSC / TEST_SEL
I/O
Fixed 14.318 clock output/3.3V-tolerant input for CPU frequency selection/
Selects test mode if pulled to VIHFS_C when CK_PWRGD is asserted HIGH.
Refer to DC Electrical Specifications table for VILFS_C, VIMFS_C, VIHFS_C specifica-
tions.
5SDATA
I/O
SMBus compatible SDATA.
6SCLK
I
SMBus compatible SCLOCK.
7
PCI0 / CR#_A
I/O, SE 33 MHz Clock/3.3V Clock Request # Input
Mappable via I2C to control either SRC 0 or SRC 2. Default PCI0.
To configure this pin to serve as a Clock Request pin for either SRC pair 2 or pair
0 using the CR#_A_EN bit located in byte 5 bit 7, first disable PCI output (Hi-z) in
byte 2, bit 1.
0 = PCI0 enabled (default)
1= CR#_A enabled.
Byte 5, bit 6 controls whether CR#_A controls SRC0 or SRC2 pair
Byte 5, bit 6:
0 = CR#_A controls SRC0 pair (default)
1= CR#_A controls SRC2 pair
8
VDD_PCI
PWR
3.3V power supply for PCI PLL
9
PCI1 / CR#_B
I/O, SE 33 MHz Clock/3.3V Clock Request # Input
Mappable via I2C to control either SRC 1 or SRC 4. Default PCI1.
To configure this pin to serve as a Clock Request pin for either SRC pair 1 or pair
4 using the CR#_B_EN bit located in byte 5, bit 5, first disable PCI output (Hi-z) in
byte 2, bit 1.
0 = PCI1 enabled (default)
1= CR#_B enabled.
Byte 5, bit 4 controls whether CR#_B controls SRC1 or SRC4 pair
Byte 5, bit 4:
0 = CR#_B controls SRC1 pair (default)
1= CR#_B controls SRC4 pair
10
PCI2
O, SE 33 MHz Clock output/3.3V-tolerant input for enabling Trusted Mode
11
PCI3
O, SE 33 MHz Clock output
11, 12
PCI 4/GCLK_SEL
I/O, SE
PD
33 MHz Clock output/3.3V-tolerant input for selecting clock source on pin 23,
24.
Sampled at CKPWRGD assertion:
0 = SRC1(default), 1 = LCD_100M
Internal weak pull-down to GND
13
PCIF0 / ITP_EN
I/O, SE 33 MHz free running clock output/3.3V LVTTL input to enable SRC8 or
CPU2_ITP (sampled on the CKPWRGD assertion)
1 = CPU2_ITP, 0 = SRC8
14
VSS_PCI
GND
Ground for outputs.
15
VDD_48
PWR
3.3V power supply for outputs and PLL.
16
USB_48 / FSA
I/O
Fixed 48 MHz clock output/3.3V-tolerant input for CPU frequency selection
Refer to DC Electrical Specifications table for Vil_FS and Vih_FS specifications.
17
VSS_48
GND
Ground for outputs.
18
VDD_IO
PWR
3.3V-1.05V power supply for outputs
19
DOT96T
O, DIF Fixed True 96 MHz clock output.
20
DOT96C
O, DIF Fixed complement 96 MHz clock output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com