Electronic Components Datasheet Search
  English  ▼

X  

SL28540ALC Datasheet(PDF) 20 Page - Silicon Laboratories

Part # SL28540ALC
Description  Low Power Clock Generator for Intel짰Mobile Platform
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL28540ALC Datasheet(HTML) 20 Page - Silicon Laboratories

Back Button SL28540ALC Datasheet HTML 16Page - Silicon Laboratories SL28540ALC Datasheet HTML 17Page - Silicon Laboratories SL28540ALC Datasheet HTML 18Page - Silicon Laboratories SL28540ALC Datasheet HTML 19Page - Silicon Laboratories SL28540ALC Datasheet HTML 20Page - Silicon Laboratories SL28540ALC Datasheet HTML 21Page - Silicon Laboratories SL28540ALC Datasheet HTML 22Page - Silicon Laboratories SL28540ALC Datasheet HTML 23Page - Silicon Laboratories SL28540ALC Datasheet HTML 24Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
SL28540
................................................... Document #: Page 20 of 25
Test and Measurement Set-up
For PCI Single-ended Signals and Reference
The following diagram shows the test load configurations for
the single-ended PCI, USB, and REF output signals.
TR / TF
PCIF/PCI rising and falling Edge Rate
Measured between 0.8V and 2.0V
1.0
4.0
V/ns
TSKEW
Any PCI clock to Any PCI clock Skew
Measurement at 1.5V
–
1000
ps
TCCJ
PCIF and PCI Cycle to Cycle Jitter
Measurement at 1.5V
–
500
ps
LACC
PCIF/PCI Long Term Accuracy
Measurement at 1.5V
–
300
ppm
48_M at 3.3V
TDC
Duty Cycle
Measurement at 1.5V
45
55
%
TPERIOD
Period
Measurement at 1.5V
20.83125
20.83542
ns
TPERIODAbs
Absolute Period
Measurement at 1.5V
20.48125
21.18542
ns
THIGH
48_M High time
Measurement at 2.0V
8.216563
11.15198
ns
TLOW
48_M Low time
Measurement at 0.8V
7.694
9.836
ns
TR / TF
Rising and Falling Edge Rate
Measured between 0.8V and 2.0V
1.0
2.0
V/ns
TCCJ
Cycle to Cycle Jitter
Measurement at 1.5V
–
350
ps
LACC
48M Long Term Accuracy
Measurement at 1.5V
–
100
ppm
REF
TDC
REF Duty Cycle
Measurement at 1.5V
45
55
%
TPERIOD
REF Period
Measurement at 1.5V
69.82033
69.86224
ns
TPERIODAbs
REF Absolute Period
Measurement at 1.5V
68.83429
70.86224
ns
TR / TF
REF Rising and Falling Edge Rate
Measured between 0.8V and 2.0V
1.0
4.0
V/ns
TSKEW
REF Clock to REF Clock
Measurement at 1.5V
–
500
ps
TCCJ
REF Cycle to Cycle Jitter
Measurement at 1.5V
–
1000
ps
LACC
Long Term Accuracy
Measurement at 1.5V
–
300
ppm
ENABLE/DISABLE and SET-UP
TSTABLE
Clock Stabilization from Power-up
–
1.8
ms
TSS
Stopclock Set-up Time
10.0
–
ns
AC Electrical Specifications (continued)
Parameter
Description
Condition
Min.
Max.
Unit
22
Measurement
Point
4 pF
50
22
Measurement
Point
4 pF
50
PCI/USB
L1
L2
L1
L2
L1 = 0.5", L2 = 4"
Figure 12. Single-ended PCI and USB Double Load Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com