Electronic Components Datasheet Search
  English  ▼

X  

SL28541 Datasheet(PDF) 13 Page - Silicon Laboratories

Part # SL28541
Description  Clock Generator for Intel짰Mobile Chipset
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL28541 Datasheet(HTML) 13 Page - Silicon Laboratories

Back Button SL28541 Datasheet HTML 9Page - Silicon Laboratories SL28541 Datasheet HTML 10Page - Silicon Laboratories SL28541 Datasheet HTML 11Page - Silicon Laboratories SL28541 Datasheet HTML 12Page - Silicon Laboratories SL28541 Datasheet HTML 13Page - Silicon Laboratories SL28541 Datasheet HTML 14Page - Silicon Laboratories SL28541 Datasheet HTML 15Page - Silicon Laboratories SL28541 Datasheet HTML 16Page - Silicon Laboratories SL28541 Datasheet HTML 17Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
SL28541
...................... DOC #: SP-AP-0063 (Rev. AA) Page 13 of 31
5
1
PLL2_EN
PLL2 power down
0 = Power down, 1 = Power up
4
1
SRC_DIV_EN
SRC divider disable
0 = Disabled, 1 = Enabled
3
1
PCI_DIV_EN
PCI divider disable
0 = Disabled, 1 = Enabled
2
1
CPU_DIV_EN
CPU divider disable
0 = Disabled, 1 = Enabled
1
1
CPU1 Stop Enable
Enable CPU_STP# control of CPU1
0 = Free running, 1= Stoppable
0
1
CPU0 Stop Enable
Enable CPU_STP# control of CPU0
0 = Free running, 1= Stoppable
Byte 10: Control Register 10 (continued)
Bit
@Pup
Name
Description
Byte 11: Control Register 11
Bit
@Pup
Name
Description
7
0
Reserved
Reserved
6
0
Reserved
Reserved
5
0
Reserved
Reserved
4
0
Reserved
Reserved
3
0
Reserved
Reserved
2
0
Reserved
Reserved
1
0
Reserved
Reserved
0
0
Reserved
Reserved
Byte 12: Byte Count
Bit
@Pup
Name
Description
7
0
Reserved
Reserved
6
0
Reserved
Reserved
5
0
BC5
Byte count register for block read operation.
The default value for Byte count is 19.
In order to read beyond Byte 19, the user should change the byte count
limit.to or beyond the byte that is desired to be read.
41
BC4
30
BC3
20
BC2
11
BC1
01
BC0
Byte 13: Control Register 13
Bit
@Pup
Name
Description
7
1
USB_BIT1
USB drive strength 1 of 3(See Byte 17 for more setting)
0 = Low, 1= High
6
1
PCI/ PCIF_BIT1
PCI drive strength 1 of 3(See Byte 17 & 18 for more setting)
0 = Low, 1 = High
5
0
PLL1_Spread
Select percentage of spread for PLL1
0 = 0.5%, 1=1%
4
1
SATA_SS_EN
Enable SATA spread modulation,
0 = Spread Disabled, 1 = Spread Enabled
3
1
CPU[T/C]2
Allow control of CPU2 with assertion of CPU_STP#
0 = Free running, 1 = Stopped with CPU_STP#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com