Electronic Components Datasheet Search
  English  ▼

X  

SL28541 Datasheet(PDF) 21 Page - Silicon Laboratories

Part # SL28541
Description  Clock Generator for Intel짰Mobile Chipset
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL28541 Datasheet(HTML) 21 Page - Silicon Laboratories

Back Button SL28541 Datasheet HTML 17Page - Silicon Laboratories SL28541 Datasheet HTML 18Page - Silicon Laboratories SL28541 Datasheet HTML 19Page - Silicon Laboratories SL28541 Datasheet HTML 20Page - Silicon Laboratories SL28541 Datasheet HTML 21Page - Silicon Laboratories SL28541 Datasheet HTML 22Page - Silicon Laboratories SL28541 Datasheet HTML 23Page - Silicon Laboratories SL28541 Datasheet HTML 24Page - Silicon Laboratories SL28541 Datasheet HTML 25Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
SL28541
...................... DOC #: SP-AP-0063 (Rev. AA) Page 21 of 31
Absolute Maximum Conditions
Parameter
Description
Condition
Min.
Max.
Unit
VDD_3.3V
Supply Voltage
Functional
–
4.6
V
VDD_IO
IO Supply Voltage
Functional
3.465
V
VIN
Input Voltage
Relative to VSS
–0.5
4.6
VDC
TS
Temperature, Storage
Non-functional
–65
150
°C
TA
Commercial Temperature,
Operating Ambient
Functional
0
85
°C
Industrial Temperature,
Operating Ambient
-40
+85
°C
TJ
Temperature, Junction
Functional
–
150
°C
ØJC
Dissipation, Junction to Case
JEDEC (JESD 51)
–
20
°C/W
ØJA
Dissipation, Junction to Ambient JEDEC (JESD 51)
–
60
°C/
W
ESDHBM
ESD Protection (Human Body
Model)
JEDEC (JESD 22-A114)
2000
–
V
UL-94
Flammability Rating
UL (CLASS)
V–0
MSL
Moisture Sensitivity Level
1
Multiple Supplies: The Voltage on any input or I/O pin cannot exceed the power pin during power-up. Power supply sequencing is NOT required.
DC Electrical Specifications
Parameter
Description
Condition
Min.
Max.
Unit
VDD core
3.3V Operating Voltage
3.3 ± 5%
3.135
3.465
V
VIH
3.3V Input High Voltage (SE)
2.0
VDD + 0.3
V
VIL
3.3V Input Low Voltage (SE)
VSS – 0.3
0.8
V
VIHI2C
Input High Voltage
SDATA, SCLK
2.2
–
V
VILI2C
Input Low Voltage
SDATA, SCLK
–
1.0
V
VIH_FS
FS_[A,B] Input High Voltage
0.7
1.5
V
VIL_FS
FS_[A,B] Input Low Voltage
VSS – 0.3
0.35
V
VIHFS_C_TEST
FS_C Input High Voltage
2
VDD + 0.3
V
VIMFS_C_NORMAL FS_C Input Middle Voltage
0.7
1.5
V
VILFS_C_NORMAL FS_C Input Low Voltage
VSS – 0.3
0.35
V
IIH
Input High Leakage Current
Except internal pull-down resistors, 0 < VIN < VDD
–5
A
IIL
Input Low Leakage Current
Except internal pull-up resistors, 0 < VIN < VDD
–5
–
A
VOH
3.3V Output High Voltage (SE) IOH = –1 mA
2.4
–
V
VOL
3.3V Output Low Voltage (SE)
IOL = 1 mA
–
0.4
V
VDD IO
Low Voltage IO Supply Voltage
1
3.465
V
IOZ
High-impedance Output
Current
–10
10
A
CIN
Input Pin Capacitance
1.5
5
pF
COUT
Output Pin Capacitance
6pF
LIN
Pin Inductance
–
7
nH
VXIH
Xin High Voltage
0.7VDD
VDD
V
VXIL
Xin Low Voltage
0
0.3VDD
V
IDDPWRDWN
Power Down Current
1mA
IDD
Dynamic Supply Current
–
250
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com