Electronic Components Datasheet Search
  English  ▼

X  

LC549 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LC549
Description  High Power Class B Output Stage
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LC549 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LC549 Datasheet HTML 1Page - List of Unclassifed Manufacturers LC549 Datasheet HTML 2Page - List of Unclassifed Manufacturers LC549 Datasheet HTML 3Page - List of Unclassifed Manufacturers LC549 Datasheet HTML 4Page - List of Unclassifed Manufacturers LC549 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
500 - 25 - 09
SEQUENCE
CONDITIONS
COMMENTS
1
Power Supply
Off
2
S1
Closed
Removes V
IN
3
S2 / S3
Closed
Discharges C2 and C3
4
S1
Open
Applies V
IN
(V
IN
level is determined from Gain Test)
5
S2 / S3
Open
Removes short from C2 and C3
6
Power Supply
On
7
Gain must be within specification, within 3 seconds after power supply is turned on
ABSOLUTE MAXIMUM RATINGS
PARAMETER
VALUE & UNITS
Supply Voltage
3 VDC
Power dissipation
60 mW
Operating Temperature
-10 to + 40
°C
Storage Temperature
-20 to + 70
°C
CAUTION
CLASS 1 ESD SENSITIVITY
1
4
5
8
PIN CONNECTION
DEC1
R
T
I/P
DEC2
V
B
GND
OUT1
OUT2
ELECTRICAL CHARACTERISTICS
Conditions: Temperature 25 oC, Supply Voltage V
B
= 1.3 VDC
All switches and parameters remain as shown in test circuit unless stated in condition column
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
Gain
A
CL
V
OUT
= 0.707 VRMS
38
40
42
dB
Quiescent Current
I
AMP
100
-
400
µA
I
TRANS
170
-
370
µA
I
TOT
-
500
770
µA
Maximum Drive Current
V1 = 0V (S2, S3 closed)
V4 = 0V LC549
10
35
75
mA
LV549
10
-
41
mA
LD549
36
50
75
mA
Input Impedance
18
27
36
k
Total Harmonic Distortion & Noise
THD
V
OUT
= 0.707 VRMS
-
0.5
-
%
V
OUT
= 1.3 VRMS
-
2.5
5.2
%
Input Referred Noise
IRN
NFB 0.2 to 10 kHz at 12 dB/oct (S1 closed)
-
1.2
2.5
µV
Start Up Time
-
-
3
sec
START-UP TIME TEST (Refer to Test Circuit)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com