Electronic Components Datasheet Search
  English  ▼

X  

LC549 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # LC549
Description  High Power Class B Output Stage
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LC549 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  LC549 Datasheet HTML 1Page - List of Unclassifed Manufacturers LC549 Datasheet HTML 2Page - List of Unclassifed Manufacturers LC549 Datasheet HTML 3Page - List of Unclassifed Manufacturers LC549 Datasheet HTML 4Page - List of Unclassifed Manufacturers LC549 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
500 - 25 - 09
Gennum Corporation assumes no responsibility for the use of any circuits described herein and makes no representations that they are free from patent infringement.
© Copyright January 1981 Gennum Corporation.
All rights reserved.
Printed in Canada.
REVISION NOTES
Changes to standard packaging information
V
OUT=0.707 V
RMS
V
OUT=0.707 V
RMS
V
B=1.3 V
THD<5.2% AT V
OUT=1.3 V
RMS
0
4
8
12
16
20
24
26
0.01
0.1
1.0
10
100
12
10
8
6
4
2
LD
LC
-0
200
400
600
800
1k
41
40
39
38
37
36
40.4
40.2
40.0
39.8
39.6
550
500
450
400
350
300
250
200
LOAD R
L (Ω)
FREQUENCY (kHZ)
Fig. 9 Voltage Gain vs Frequency
Fig. 8 Power Output vs Load Resistance
at 7% Distortion R
B
= 0
Ω
1
10
100
1K
SUPPLY VOLTAGE (V)
Fig. 11 Voltage Gain vs Battery Resistance
Fig. 10 Quiescent Current vs Current Trim Resistor
R
T
(k
Ω)
DOCUMENT IDENTIFICATION
PRODUCT PROPOSAL
This data has been compiled for market investigation purposes
only, and does not constitute an offer for sale.
ADVANCE INFORMATION NOTE
The product is in a development phase and specifications are
subject to change without notice. Gennum reserves the right to
remove the product at any time. Listing the product does not
constitute an offer for sale.
PRELIMINARY DATA SHEET
The product is in preproduction phase and specifications are
subject to change without notice.
DATA SHEET
The product is in production. Gennum reserves the right to make
changes at any time to improve reliability, function or design, in
order to provide the best product possible.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com