Electronic Components Datasheet Search
  English  ▼

X  

AP6P070I Datasheet(PDF) 1 Page - Advanced Power Electronics Corp.

Part # AP6P070I
Description  P-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP6P070I Datasheet(HTML) 1 Page - Advanced Power Electronics Corp.

  AP6P070I Datasheet HTML 1Page - Advanced Power Electronics Corp. AP6P070I Datasheet HTML 2Page - Advanced Power Electronics Corp. AP6P070I Datasheet HTML 3Page - Advanced Power Electronics Corp. AP6P070I Datasheet HTML 4Page - Advanced Power Electronics Corp. AP6P070I Datasheet HTML 5Page - Advanced Power Electronics Corp. AP6P070I Datasheet HTML 6Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AP6P070I
Advanced Power
P-CHANNEL ENHANCEMENT MODE
Electronics Corp.
POWER MOSFET
▼ 100% R
g & UIS Test
BVDSS
-60V
▼ Simple Drive Requirement
RDS(ON)
70mΩ
▼ Fast Switching Characteristic
ID
4
-16A
▼ RoHS Compliant & Halogen-Free
Description
Absolute Maximum Ratings@Tj=25
oC(unless otherwise specified)
Symbol
Units
VDS
V
VGS
V
ID@TC=25℃
A
ID@TC=100℃
A
IDM
A
PD@TC=25℃
W
PD@TA=25℃
W
EAS
Single Pulse Avalanche Energy
3
mJ
TSTG
℃
TJ
℃
Symbol
Value
Units
Rthj-c
Maximum Thermal Resistance, Junction-case
5.5
℃/W
Rthj-a
65
℃/W
Data and specifications subject to change without notice
Drain Current, VGS @ 10V
4
-10
Maximum Thermal Resistance, Junction-ambient
-55 to 150
Parameter
Operating Junction Temperature Range
Thermal Data
Pulsed Drain Current
1
Storage Temperature Range
Halogen-Free Product
-60
1
22.7
-55 to 150
201702151
-16
32
Rating
-60
+20
Total Power Dissipation
1.92
Total Power Dissipation
Parameter
Drain-Source Voltage
Gate-Source Voltage
Drain Current, VGS @ 10V
4
AP6P070 series are from Advanced Power innovated design and
silicon process technology to achieve the lowest possible on-
resistance and fast switching performance. It provides the designer
with an extreme efficient device for use in a wide range of power
applications.
The TO-220CFM package is widely preferred for all commercial-
industrial through hole applications.
The mold compound provides
a high isolation voltage capability and low thermal resistance
between the tab and the external heat-sink.
G
D
S
TO-220CFM(I)
G
D
S
.


Similar Part No. - AP6P070I

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP6P070H A-POWER-AP6P070H Datasheet
73Kb / 6P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP6P070P A-POWER-AP6P070P Datasheet
73Kb / 6P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP6P070S A-POWER-AP6P070S Datasheet
72Kb / 6P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - AP6P070I

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2301 GTM-G2301 Datasheet
391Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2303 GTM-G2303 Datasheet
393Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3401 GTM-G3401 Datasheet
308Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com