Electronic Components Datasheet Search
  English  ▼

X  

LTC2907IDDB Datasheet(PDF) 11 Page - Linear Technology

Part # LTC2907IDDB
Description  Precision Dual Supply Monitors with One Pin-Selectable Threshold and One Adjustable Input
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2907IDDB Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC2907IDDB Datasheet HTML 7Page - Linear Technology LTC2907IDDB Datasheet HTML 8Page - Linear Technology LTC2907IDDB Datasheet HTML 9Page - Linear Technology LTC2907IDDB Datasheet HTML 10Page - Linear Technology LTC2907IDDB Datasheet HTML 11Page - Linear Technology LTC2907IDDB Datasheet HTML 12Page - Linear Technology LTC2907IDDB Datasheet HTML 13Page - Linear Technology LTC2907IDDB Datasheet HTML 14Page - Linear Technology LTC2907IDDB Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LTC2906/LTC2907
11
29067f
Leaving the TMR pin open with no external capacitor
generates a reset time-out of approximately 200
µs. For
long reset time-out, the only limitation is the availability of
a large value capacitor with low leakage. The TMR capaci-
tor will never charge if the leakage current exceeds the
TMR charging current of 2.1
µA (typical).
RST and RST Output Characteristics
The DC characteristics of the RST and RST pull-up and
pull-down strength are shown in the Typical Performance
Characteristics section. Both RST and RST have a weak
internal pull-up to VMAX and a strong pull-down to ground.
The weak pull-up and strong pull-down arrangement
allows these two pins to have open-drain behavior while
possessing several other beneficial characteristics.
The weak pull-ups eliminate the need for external pull-up
resistors when the rise time on these pins is not critical. On
the other hand, the open-drain RST configuration allows
for wired-OR connections and can be useful when more
than one signal needs to pull-down on the RST line.
As noted in the Power-Up and Power-Down sections, the
circuits that drive RST and RST are powered by VMAX =
MAX (V1, VCC). During fault condition, VMAX of at least 1V
guarantees a maximum VOL = 0.4V at RST. However, at
VMAX = 1V the weak pull-up current on RST is barely turned
on. Therefore, an external pull-up resistor of no more than
100k is recommended on the RST pin if the state and pull-
up strength of the RST pin is crucial at very low VMAX.
Note however, by adding an external pull-up resistor, the
pull-up strength on the RST pin is increased. Therefore, if
it is connected in a wired-OR connection, the pull-down
strength of any single device needs to accommodate this
additional pull-up strength.
Output Rise and Fall Time Estimation
The RST and RST output have strong pull-down capability.
The following formula estimates the output fall time (90%
to 10%) for a particular external load capacitance (CLOAD):
tFALL ≈ 2.2 • RPD • CLOAD
where RPD is the on-resistance of the internal pull-down
transistor estimated to be typically 40
Ω at VMAX >1V, at
room temperature (25
°C), and CLOAD is the external load
capacitance on the pin. Assuming a 150pF load capaci-
tance, the fall time is about 13ns.
The rise time on the RST and RST pins is limited by weak
internal pull-up current sources to VMAX. The following
formula estimates the output rise time (10% to 90%) at the
RST and RST pins:
tRISE ≈ 2.2 • RPU • CLOAD
where RPU is the on-resistance of the pull-up transistor.
Notice that this pull-up transistor is modeled as a
6
µA current source in the Block Diagram as a typical
representation.
The on-resistance as a function of the VMAX = MAX (V1,
VCC) voltage (for VMAX > 1V) at room temperature is
estimated as follows:
R
MAX V V
V
PU
CC
=Ω
610
11
5
•
(,
) –
At VMAX = 3.3V, RPU is about 260k. Using 150pF for load
capacitance, the rise time is 86
µs. A smaller external pull-
up resistor maybe used if the output needs to pull up faster
and/or to a higher voltage. For example, the rise time
reduces to 3.3
µsfora150pFloadcapacitance,whenusing
a 10k pull-up resistor.
APPLICATIO S I FOR ATIO
CTMR (FARAD)
10p
100p
1n
10n
100n
1
µ
29067 F02
10000
1000
100
10
1
0.1
Figure 2. Reset Time-Out Period vs Capacitance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com