Electronic Components Datasheet Search
  English  ▼

X  

LTC2907IDDB Datasheet(PDF) 16 Page - Linear Technology

Part # LTC2907IDDB
Description  Precision Dual Supply Monitors with One Pin-Selectable Threshold and One Adjustable Input
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2907IDDB Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC2907IDDB Datasheet HTML 8Page - Linear Technology LTC2907IDDB Datasheet HTML 9Page - Linear Technology LTC2907IDDB Datasheet HTML 10Page - Linear Technology LTC2907IDDB Datasheet HTML 11Page - Linear Technology LTC2907IDDB Datasheet HTML 12Page - Linear Technology LTC2907IDDB Datasheet HTML 13Page - Linear Technology LTC2907IDDB Datasheet HTML 14Page - Linear Technology LTC2907IDDB Datasheet HTML 15Page - Linear Technology LTC2907IDDB Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
LTC2906/LTC2907
16
29067f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
©LINEAR TECHNOLOGY CORPORATION 2004
LT/TP 0304 1K • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATIO
PART NUMBER
DESCRIPTION
COMMENTS
LTC690
5V Supply Monitor, Watchdog Timer and Battery Backup
4.65V Threshold
LTC694-3.3
3.3V Supply Monitor, Watchdog Timer and Battery Backup
2.9V Threshold
LTC699
5V Supply Monitor and Watchdog Timer
4.65V Threshold
LTC1232
5V Supply Monitor, Watchdog Timer and Push-Button Reset
4.37V/4.62V Threshold
LTC1326/LTC1326-2.5
Micropower Precision Triple Supply Monitor for
4.725V, 3.118V, 1V Threshold (
±0.75%)
5V/2.5V, 3.3V and ADJ
LTC1536
Precision Triple Supply Monitor for PCI Applications
Meets PCI tFAIL Timing Specifications
LTC1726-2.5/LTC1726-5
Micropower Triple Supply Monitor for
Adjustable RESET and Watchdog Time-Outs
2.5V/5V, 3.3V and ADJ
LTC1727-2.5/ LTC1727-5
Micropower Triple Supply Monitor with Open-Drain Reset
Individual Monitor Outputs in MSOP
LTC1728-1.8/ LTC1728-3.3
Micropower Triple Supply Monitor with Open-Drain Reset
5-Lead SOT-23 Package
LTC1728-2.5/ LTC1728-5
Micropower Triple Supply Monitor with Open-Drain Reset
5-Lead SOT-23 Package
LTC1985-1.8
Micropower Triple Supply Monitor with
5-Lead SOT-23 Package
Push-Pull Reset Output
LTC2900
Programmable Quad Supply Monitor
Adjustable RESET, 10-Lead MSOP and
3mm X 3mm 10-Lead DFN Packages
LTC2901
Programmable Quad Supply Monitor
Adjustable RESET and Watchdog Timer,
16-Lead SSOP Package
LTC2902
Programmable Quad Supply Monitor
Selectable Tolerance, RESET Disable for Margining
Functions, 16-Lead SSOP Package
LTC2903
Precision Quad Supply Monitor
Ultralow Voltage RESET, 6-Lead SOT-23 Package
LTC2904
Three-State Programmable Precision Dual Supply Monitor
Adjustable Tolerance, 8-Lead SOT-23 and
3mm
× 2mm DFN Packages
LTC2905
Three-State Programmable Precision Dual Supply Monitor
Adjustable RESET and Tolerance, 8-Lead SOT-23 and
3mm
× 2mm DFN Packages
VADJ
TMR
S1
GND
V1
VCC
TOL
RST
LTC2907
V1
TOL
VCC
S1
GND
RST
VADJ
TMR
LTC2907
3.3V
2.5V
0.8V
0.6V
0.1
µF
0.1
µF
2907 TA07
22nF
12.1k
100k
49.9k
100k
22nF
499
Ω
LED
Quad Supply Monitor with LED Undervoltage
Indicator, 5% Tolerance, 3.3V, 2.5V, 0.8V, 0.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com