Electronic Components Datasheet Search
  English  ▼

X  

AD565A Datasheet(PDF) 9 Page - Analog Devices

Part # AD565A
Description  High Speed 12-Bit Monolithic D/A Converters
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD565A Datasheet(HTML) 9 Page - Analog Devices

Back Button AD565A Datasheet HTML 5Page - Analog Devices AD565A Datasheet HTML 6Page - Analog Devices AD565A Datasheet HTML 7Page - Analog Devices AD565A Datasheet HTML 8Page - Analog Devices AD565A Datasheet HTML 9Page - Analog Devices AD565A Datasheet HTML 10Page - Analog Devices AD565A Datasheet HTML 11Page - Analog Devices AD565A Datasheet HTML 12Page - Analog Devices AD565A Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
AD565A
REV.
–8–
CONNECTING THE AD565A FOR BUFFERED VOLTAGE
OUTPUT
The standard current-to-voltage conversion connections using an
operational amplifier are shown in Figures 1, 2, and 3 with the
preferred trimming techniques. If a low offset operational amplifier
(OP77, AD741L, OP07) is used, excellent performance can be
obtained in many situations without trimming (an op amp with
less than 0.5 mV max offset voltage should be used to keep offset
errors below 1/2 LSB). If a 50
Ω fixed resistor is substituted for
the 100
Ω trimmer, unipolar zero is typically within ±1/2 LSB
(plus op amp offset) and full-scale accuracy is within 0.1%
(0.25% max). Substituting a 50
Ω resistor for the 100 Ω bipo-
lar offset trimmer gives a bipolar zero error typically within
±2 LSB (0.05%).
The AD509 is recommended for buffered voltage-output
applications that require a settling time to
± 1/2 LSB of
1
μs. The feedback capacitor is shown with the optimum value
for each application; this capacitor is required to compen-
sate for the 25 pF DAC output capacitance.
FIGURE 1. UNIPOLAR CONFIGURATION
This configuration provides a unipolar 0 V to 10 V output
range. In this mode, the bipolar terminal, Pin 8, should be
grounded if not used for trimming.
19.95k
20k
0.5mA
IREF
DAC
IOUT =
4
IREF
CODE
AD565A
9.95k
5k
8k
IO
20V SPAN
10V SPAN
DAC
OUT
POWER
GND
–VEE
REF
GND
BIPOLAR OFF
5k
CODE
INPUT
LSB
MSB
10V
VCC
REF
OUT
REF
IN
R2
100
10pF
AD509
OUTPUT
0V TO
+10V
100
100k
+15V
–15V
R1
50k
2.4k
Figure 1. 0 V to 10 V Unipolar Voltage Output
STEP I . . . ZERO ADJUST
Turn all bits OFF and adjust zero trimmer R1 until the output
reads 0.000 V (1 LSB = 2.44 mV). In most cases, this trim is not
needed, but Pin 8 should then be connected to Pin 12.
STEP II . . . GAIN ADJUST
Turn all bits ON and adjust 100
Ω gain trimmer R2 until the
output is 9.9976 V. (Full scale is adjusted to 1 LSB less than
nominal full scale of 10.000 V.) If a 10.2375 V full scale is desired
(exactly 2.5 mV/bit), insert a 120
Ω resistor in series with the gain
resistor at Pin 10 to the op amp output.
FIGURE 2. BIPOLAR CONFIGURATION
This configuration provides a bipolar output voltage from
–5.000 V to +4.9976 V, with positive full scale occurring with
all bits ON (all 1s).
19.95k
20k
0.5mA
IREF
DAC
IOUT =
4
IREF
CODE
AD565A
9.95k
5k
8k
IO
20V SPAN
10V SPAN
DAC
OUT
POWER
GND
–VEE
REF
GND
BIPOLAR OFF
5k
CODE
INPUT
LSB
MSB
10V
VCC
REF
OUT
REF
IN
R2
100
10pF
AD509
OUTPUT
–5V TO
+5V
2.4k
R1
100
Figure 2.
±5 V Bipolar Voltage Output
STEP I . . . OFFSET ADJUST
Turn OFF all bits. Adjust 100
Ω trimmer R1 to give –5.000 V
output.
STEP II . . . GAIN ADJUST
Turn ON all bits. Adjust 100
Ω gain trimmer R2 to give a
reading of +4.9976 V.
Please note that it is not necessary to trim the op amp to obtain
full accuracy at room temperature. In most bipolar situations,
an op amp trim is unnecessary unless the untrimmed offset drift
of the op amp is excessive.
FIGURE 3. OTHER VOLTAGE RANGES
The AD565A can also be easily configured for a unipolar 0 V to
+5 V range or
±2.5 V and ±10 V bipolar ranges by using the
additional 5 k
Ω application resistor provided at the 20 V span R
terminal, Pin 11. For a 5 V span (0 V to +5 V, or
±2.5 V), the
two 5 k
Ω resistors are used in parallel by shorting Pin 11 to Pin 9
and connecting Pin 10 to the op amp output and the bipolar
offset either to ground for unipolar or to REF OUT for the
bipolar offset either to ground for unipolar or to REF OUT for
the bipolar range. For the
±10 V range (20 V span) use the 5 kΩ
resistors in series by connecting only Pin 11 to the op amp output
and the bipolar offset connected as shown. The
±10 V option is
shown in Figure 3.
19.95k
20k
0.5mA
IREF
DAC
IOUT =
4
IREF
CODE
AD565A
9.95k
5k
8k
IO
20V SPAN
10V SPAN
DAC
OUT
POWER
GND
–VEE
REF
GND
BIPOLAR OFF
5k
CODE
INPUT
LSB
MSB
10V
VCC
REF
OUT
REF
IN
R2
100
10pF
AD509
OUTPUT
–10V TO
+10V
3.0k
R1
100
Figure 3.
±10 V Voltage Output
F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com