Electronic Components Datasheet Search
  English  ▼

X  

AD565A Datasheet(PDF) 11 Page - Analog Devices

Part # AD565A
Description  High Speed 12-Bit Monolithic D/A Converters
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD565A Datasheet(HTML) 11 Page - Analog Devices

Back Button AD565A Datasheet HTML 5Page - Analog Devices AD565A Datasheet HTML 6Page - Analog Devices AD565A Datasheet HTML 7Page - Analog Devices AD565A Datasheet HTML 8Page - Analog Devices AD565A Datasheet HTML 9Page - Analog Devices AD565A Datasheet HTML 10Page - Analog Devices AD565A Datasheet HTML 11Page - Analog Devices AD565A Datasheet HTML 12Page - Analog Devices AD565A Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
AD565A
REV.
–10–
FIGURE 6. OTHER VOLTAGE RANGES
The AD566A can also be easily configured for a unipolar 0 V to
+5 V range or
±2.5 V and ±10 V bipolar ranges by using the
additional 5 k
Ω application resistor provided at the 20 V span R
terminal, Pin 11. For a 5 V span (0 V to +5 V or
±2.5 V), the two
5 k
Ω resistors are used in parallel by shorting Pin 11 to Pin 9 and
connecting Pin 10 to the op amp output and the bipolar offset
resistor either to ground for unipolar or to VREF for the bipolar
range. For the
±10 V range (20 V span), use the 5 kΩ resistors in
series by connecting only Pin 11 to the op amp output and the
bipolar offset connected as shown. The
±10 V option is shown
in Figure 6.
Table I. Digital Input Codes
DIGITAL INPUT
ANALOG OUTPUT
MSB
LSB
Straight Binary
Offset Binary
Twos Complement
*
0 0 0 0 0 0 0 0 0 0 0 0
Zero
–FS
Zero
0 1 1 1 1 1 1 1 1 1 1 1
Mid Scale – 1 LSB
Zero – 1 LSB
+FS – 1 LSB
1 0 0 0 0 0 0 0 0 0 0 0
+1/2 FS
Zero
–FS
1 1 1 1 1 1 1 1 1 1 1 1
+FS – l LSB
+FS – 1 LSB
Zero – 1 LSB
*Inverts the MSB of the offset binary code with an external inverter to obtain twos complement.
19.95k
20k
0.5mA
IREF
DAC
IOUT =
4
IREF
CODE
AD566A
9.95k
5k
8k
IO
20V SPAN
10V SPAN
DAC
OUT
POWER
GND
–VEE
REF
GND
BIPOLAR OFF
5k
CODE
INPUT
LSB
MSB
R2
5k
10pF
AD509
2.4k
7.5V EREF
AD561
–V
REF
IN
R1
5k
14k
* THE PARALLEL COMBINATION OF THE BIPOLAR OFFSET RESISTOR
AND R3 ESTABLISHES A CURRENT TO BALANCE THE MSB CURRENT.
THE EFFECT OF TEMPERATURE COEFFICIENT MISMATCH BETWEEN
THE BIPOLAR RESISTOR COMBINATION AND DAC RESISTORS IS
EXPANDED ON PREVIOUS PAGE.
R3
26k *
Figure 6.
±10 V Voltage Output
F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com