Electronic Components Datasheet Search
  English  ▼

X  

AD569 Datasheet(PDF) 5 Page - Analog Devices

Part # AD569
Description  16-Bit Monotonic Voltage Output D/A Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD569 Datasheet(HTML) 5 Page - Analog Devices

  AD569 Datasheet HTML 1Page - Analog Devices AD569 Datasheet HTML 2Page - Analog Devices AD569 Datasheet HTML 3Page - Analog Devices AD569 Datasheet HTML 4Page - Analog Devices AD569 Datasheet HTML 5Page - Analog Devices AD569 Datasheet HTML 6Page - Analog Devices AD569 Datasheet HTML 7Page - Analog Devices AD569 Datasheet HTML 8Page - Analog Devices AD569 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
AD569
REV. A
–4–
ABSOLUTE MAXIMUM RATINGS*
(TA = +25°C unless otherwise noted)
+VS (Pin 1) to GND (Pin 18) . . . . . . . . . . . . . . +18 V, –0.3 V
–VS (Pin 28) to GND (Pin 18) . . . . . . . . . . . . . . –18 V, +0.3 V
+VS (Pin 1) to –VS (Pin 28) . . . . . . . . . . . . . . . +26.4 V, –0.3 V
Digital Inputs
(Pins 4-14, 19-27) to GND (Pin 18) . . . . . . . . . +VS, –0.3 V
+VREF Force (Pin 3) to +VREF Sense (Pin 2) . . . . . . . .
±16.5 V
–VREF Force (Pin 15) to –VREF Sense (Pin 16) . . . . . . .
±16.5 V
VREF Force (Pins 3, 15) to GND (Pin 18) . . . . . . . . . . . . . ± VS
VREF Sense (Pins 2, 16) to GND (Pin 18) . . . . . . . . . . . . .
±V
S
VOUT (Pin 17) . . . . . . . . . . . . . . . . . . Indefinite Short to GND
. . . . . . . . . . . . . . . . . . . . . . . . Momentary Short to +VS, –VS
Power Dissipation (Any Package) . . . . . . . . . . . . . . . 1000 mW
Operating Temperature Range
Commercial Plastic (JN, KN, JP, KP Versions) 0
°C to +70°C
Industrial Ceramic (AD, BD Versions) . . . . –25
°C to +85°C
Extended Ceramic (SD Versions) . . . . . . . –55
°C to +125°C
Storage Temperature . . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature Range (Soldering, 10 secs) . . . . . . . +300
°C
*Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in the
operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
ESD SENSITIVITY
The AD569 features input protection circuitry consisting of large “distributed” diodes and polysilicon
series resistors to dissipate both high-energy discharges (Human Body Model) and fast, low-energy
pulses (Charged Device Model). Per Method 3015.2 of MIL-STD-883C, the AD569 has been
classified as a Category A device.
Proper ESD precautions are strongly recommended to avoid functional damage or performance
degradation. Charges as high as 4000 volts readily accumulate on the human body and test equipment
and discharge without detection. Unused devices must be stored in conductive foam or shunts, and
the foam should be discharged to the destination socket before devices are removed. For further
information on ESD precautions, refer to Analog Devices’ ESD Prevention Manual.
PIN DESIGNATIONS
ORDERING GUIDE
Integral Nonlinearity
Differential Nonlinearity
Temperature
Package
Model
1
+25 CTMIN–TMAX
+25 CTMIN–TMAX
Range
Option
2
AD569JN
±0.04%
±0.04%
±1 LSB
±1 LSB
0
°C to +70°C
N-28
AD569JP
±0.04%
±0.04%
±1 LSB
±1 LSB
0
°C to +70°C
P-28A
AD569KN
±0.024%
±0.024%
±1/2 LSB
±1 LSB
0
°C to +70°C
N-28
AD569KP
±0.024%
±0.024%
±1/2 LSB
±1 LSB
0
°C to +70°C
P-28A
AD569AD
±0.04%
±0.04%
±1 LSB
±1 LSB
–25
°C to +85°C
D-28
AD569BD
±0.024%
±0.024%
±1/2 LSB
±1 LSB
–25
°C to +85°C
D-28
AD569SD
±0.04%
±0.04%
±1 LSB
±1 LSB
–55
°C to +125°C
D-28
NOTES
1For details on grade and package offerings screened in accordance with MIL-STD-883, refer to the Analog Devices Military Products Databook
or current AD569/883B data sheet.
2D = Ceramic DIP; N = Plastic DIP; P = Plastic Leaded Chip Carrier.
WARNING!
ESD SENSITIVE DEVICE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com