Electronic Components Datasheet Search
  English  ▼

X  

AD569 Datasheet(PDF) 1 Page - Analog Devices

Part # AD569
Description  16-Bit Monotonic Voltage Output D/A Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD569 Datasheet(HTML) 1 Page - Analog Devices

  AD569 Datasheet HTML 1Page - Analog Devices AD569 Datasheet HTML 2Page - Analog Devices AD569 Datasheet HTML 3Page - Analog Devices AD569 Datasheet HTML 4Page - Analog Devices AD569 Datasheet HTML 5Page - Analog Devices AD569 Datasheet HTML 6Page - Analog Devices AD569 Datasheet HTML 7Page - Analog Devices AD569 Datasheet HTML 8Page - Analog Devices AD569 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
FUNCTIONAL BLOCK DIAGRAM
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
16-Bit Monotonic
Voltage Output D/A Converter
AD569
FEATURES
Guaranteed 16-Bit Monotonicity
Monolithic BiMOS II Construction
0.01% Typical Nonlinearity
8- and 16-Bit Bus Compatibility
3
s Settling to 16 Bits
Low Drift
Low Power
Low Noise
APPLICATIONS
Robotics
Closed-Loop Positioning
High-Resolution ADCs
Microprocessor-Based Process Control
MIL-STD-883 Compliant Versions Available
PRODUCT DESCRIPTION
The AD569 is a monolithic 16-bit digital-to-analog converter
(DAC) manufactured in Analog Devices’ BiMOS II process.
BiMOS II allows the fabrication of low power CMOS logic
functions on the same chip as high precision bipolar linear cir-
cuitry. The AD569 chip includes two resistor strings, selector
switches decoding logic, buffer amplifiers, and double-buffered
input latches.
The AD569’s voltage-segmented architecture insures 16-bit
monotonicity over time and temperature. Integral nonlinearity is
maintained at
±0.01%, while differential nonlinearity is
±0.0004%. The on-chip, high-speed buffer amplifiers provide a
voltage output settling time of 3
µs to within ±0.001% for a
full-scale step.
The reference input voltage which determines the output range
can be either unipolar or bipolar. Nominal reference range is
±5 V and separate reference force and sense connections are
provided for high accuracy applications. The AD569 can oper-
ate with an ac reference in multiplying applications.
Data may be loaded into the AD569’s input latches from 8- and
16-bit buses. The double-buffered structure simplifies 8-bit bus
interfacing and allows multiple DACs to be loaded asynchro-
nously and updated simultaneously. Four TTL/LSTTL/5 V
CMOS-compatible signals control the latches: CS, LBE, HBE,
and LDAC
The AD569 is available in five grades: J and K versions are
specified from 0
°C to +70°C and are packaged in a 28-pin plas-
tic DIP and 28-pin PLCC package; AD and BD versions are
specified from –25
°C to +85°C and are packaged in a 28-pin
ceramic DIP. The SD version, also in a 28-pin ceramic DIP, is
specified from –55
°C to +125°C.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
PRODUCT HIGHLIGHTS
1. Monotonicity to 16 bits is insured by the AD569’s voltage-
segmented architecture.
2. The output range is ratiometric to an external reference or ac
signal. Gain error and gain drift of the AD569 are negligible.
3. The AD569’s versatile data input structure allows loading
from 8- and 16-bit buses.
4. The on-chip output buffer amplifier can supply
±5 V into a
1 k
Ω load, and can drive capacitive loads of up to 1000 pF.
5. Kelvin connections to the reference inputs preserve the gain
and offset accuracy of the transfer function in the presence of
wiring resistances and ground currents.
6. The AD569 is available in versions compliant with MIL-STD-
883. Refer to the Analog Devices Military Products Data-
book or current AD569/883B data sheet for detailed
specifications.


Similar Part No. - AD569

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD569 AD-AD569 Datasheet
469Kb / 12P
16-Bit Monotonic Voltage Output D/A Converter
REV. A
AD569 AD-AD569 Datasheet
433Kb / 12P
16-Bit Monotonic Voltage Output D/A Converter
REV. A
AD5691R AD-AD5691R Datasheet
867Kb / 26P
Tiny 16-/14-/12-Bit I2C nanoDAC
2/2017-Rev. C to Rev. D
AD5691RACPZ-1RL7 AD-AD5691RACPZ-1RL7 Datasheet
867Kb / 26P
Tiny 16-/14-/12-Bit I2C nanoDAC
2/2017-Rev. C to Rev. D
AD5691RBCPZ-RL7 AD-AD5691RBCPZ-RL7 Datasheet
867Kb / 26P
Tiny 16-/14-/12-Bit I2C nanoDAC
2/2017-Rev. C to Rev. D
More results

Similar Description - AD569

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC78865M SANYO-LC78865M Datasheet
119Kb / 6P
16-bit A/D Converter
LC78866V SANYO-LC78866V Datasheet
138Kb / 6P
16-bit A/D Converter?
logo
Sipex Corporation
SP9500 SIPEX-SP9500 Datasheet
157Kb / 9P
12-Bit, Voltage Output D/A Converter
SP9501 SIPEX-SP9501 Datasheet
159Kb / 9P
12-Bit, Voltage Output D/A Converter
logo
Analog Devices
AD569 AD-AD569 Datasheet
469Kb / 12P
16-Bit Monotonic Voltage Output D/A Converter
REV. A
logo
Sanyo Semicon Device
LC7880M SANYO-LC7880M Datasheet
228Kb / 6P
16 bit D/A CONVERTER
logo
Analog Devices
DAC210FX AD-DAC210FX Datasheet
1Mb / 4P
11-BIT VOLTAGE-OUTPUT D/A CONVERTER
7/89,Rev.B1
AD569KNZ AD-AD569KNZ Datasheet
433Kb / 12P
16-Bit Monotonic Voltage Output D/A Converter
REV. A
AD569 AD-AD569_15 Datasheet
470Kb / 12P
16-Bit Monotonic Voltage Output D/A Converter
REV. A
DAC210 AD-DAC210_15 Datasheet
1Mb / 4P
11-BIT VOLTAGE OUTPUT D/A CONVERTER
7/89,Rev.B1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com