Electronic Components Datasheet Search
  English  ▼

X  

AD660 Datasheet(PDF) 18 Page - Analog Devices

Part # AD660
Description  Monolithic 16-Bit Serial/Byte DACPORT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD660 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD660 Datasheet HTML 13Page - Analog Devices AD660 Datasheet HTML 14Page - Analog Devices AD660 Datasheet HTML 15Page - Analog Devices AD660 Datasheet HTML 16Page - Analog Devices AD660 Datasheet HTML 17Page - Analog Devices AD660 Datasheet HTML 18Page - Analog Devices AD660 Datasheet HTML 19Page - Analog Devices AD660 Datasheet HTML 20Page - Analog Devices AD660 Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
AD660
Rev. B | Page 17 of 20
BOARD LAYOUT
Designing with high resolution data converters requires careful
attention to board layout. Trace impedance is the first issue. A
306 μA current through a 0.5 Ω trace develops a voltage drop of
153 μV, which is 1 LSB at the 16-bit level for a 10 V full-scale
span. In addition to ground drops, inductive and capacitive
coupling need to be considered, especially when high accuracy
analog signals share the same board with digital signals. Finally,
power supplies need to be decoupled to filter out ac noise.
Analog and digital signals should not share a common path.
Each signal should have an appropriate analog or digital return
routed close to it. Using this approach, signal loops enclose a
small area, minimizing the inductive coupling of noise. Wide
PC tracks, large gauge wire, and ground planes are highly
recommended to provide low impedance signal paths. Separate
analog and digital ground planes should also be used, with a
single interconnection point to minimize ground loops. Analog
signals should be routed as far as possible from digital signals
and should cross them at right angles.
One feature that the AD660 incorporates to help the user layout
is that the analog pins (+VCC, −VEE, REF OUT, REF IN, SPAN/
BIPOLAR OFFSET, VOUT and AGND) are adjacent to help
isolate analog signals from digital signals.
SUPPLY DECOUPLING
The AD660 power supplies should be well filtered, well regulated,
and free from high frequency noise. Switching power supplies
are not recommended due to their tendency to generate spikes,
which can induce noise in the analog system.
Decoupling capacitors should be used in very close layout
proximity between all power supply pins and ground. A 10 μF
tantalum capacitor in parallel with a 0.1 μF ceramic capacitor
provides adequate decoupling. VCC and VEE should be bypassed
to analog ground, while VLL should be decoupled to digital ground.
An effort should be made to minimize the trace length between
the capacitor leads and the respective converter power supply
and common pins. The circuit layout should attempt to locate
the AD660, associated analog circuitry, and interconnections as
far as possible from logic circuitry. A solid analog ground plane
around the AD660 will isolate large switching ground currents.
For these reasons, the use of wire wrap circuit construction is
not recommended; careful printed circuit construction is
preferred.
GROUNDING
The AD660 has two ground pins, designated analog ground
(AGND) and digital ground (DGND.) The analog ground pin is
the high quality ground reference point for the device. Any
external loads on the output of the AD660 should be returned
to analog ground. If an external reference is used, this should
also be returned to the analog ground.
If a single AD660 is used with separate analog and digital ground
planes, connect the analog ground plane to AGND and the digital
ground plane to DGND keeping lead lengths as short as possible.
Then connect AGND and DGND together at the AD660. If
multiple AD660 devices are used or the AD660 shares analog
supplies with other components, connect the analog and digital
returns together once at the power supplies rather than at each
chip. This single interconnection of grounds prevents large
ground loops and consequently prevents digital currents from
flowing through the analog ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com