Electronic Components Datasheet Search
  English  ▼

X  

NCP3418 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP3418
Description  Dual Bootstrapped 12 V MOSFET Driver with Output Disable
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP3418 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP3418 Datasheet HTML 2Page - ON Semiconductor NCP3418 Datasheet HTML 3Page - ON Semiconductor NCP3418 Datasheet HTML 4Page - ON Semiconductor NCP3418 Datasheet HTML 5Page - ON Semiconductor NCP3418 Datasheet HTML 6Page - ON Semiconductor NCP3418 Datasheet HTML 7Page - ON Semiconductor NCP3418 Datasheet HTML 8Page - ON Semiconductor NCP3418 Datasheet HTML 9Page - ON Semiconductor NCP3418 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
NCP3418, NCP3418A
http://onsemi.com
6
APPLICATIONS INFORMATION
Figure 4. DRVH Rise and DRVL Fall Times
Figure 5. DRVH Fall and DRVL Rise Times
IN
DRVL
DRVH
IN
DRVL
DRVH
0
60
IN FREQUENCY (kHz)
50
40
30
10
200
400
600
800
1000
1200
20
0
15
1
40
LOAD CAPACITANCE (nF)
30
5
20
0
10
2
3
4
5
0
12
3
4
5
LOAD CAPACITANCE (nF)
10
Figure 6. Rise Time vs. Load Capacitance
Figure 7. Fall Time vs. Load Capacitance
Figure 8. VCC Supply Current vs. IN Frequency
trTG
TA = 25 °C
VCC = 12 V
Cload = 3.3 nF
ICC
trBG
trTG
trBG



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com