Electronic Components Datasheet Search
  English  ▼

X  

NCP3418 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP3418
Description  Dual Bootstrapped 12 V MOSFET Driver with Output Disable
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP3418 Datasheet(HTML) 4 Page - ON Semiconductor

  NCP3418 Datasheet HTML 1Page - ON Semiconductor NCP3418 Datasheet HTML 2Page - ON Semiconductor NCP3418 Datasheet HTML 3Page - ON Semiconductor NCP3418 Datasheet HTML 4Page - ON Semiconductor NCP3418 Datasheet HTML 5Page - ON Semiconductor NCP3418 Datasheet HTML 6Page - ON Semiconductor NCP3418 Datasheet HTML 7Page - ON Semiconductor NCP3418 Datasheet HTML 8Page - ON Semiconductor NCP3418 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
NCP3418, NCP3418A
http://onsemi.com
4
NCP3418−SPECIFICATIONS (Note 5) (VCC = 12 V, TA = 0°C to +85°C, TJ = 0°C to +125°C unless otherwise noted.)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Supply
Supply Voltage Range
VCC
4.6
13.2
V
Supply Current
ISYS
BST = 12 V, IN = 0 V
2.0
6.0
mA
OD Input
Input Voltage High
2.0
V
Input Voltage Low
0.8
V
Input Current
−1.0
+1.0
mA
Propagation Delay Time (Note 6)
tpdlOD
tpdhOD
See Figure 2
40
40
60
60
ns
ns
PWM Input
Input Voltage High
2.0
V
Input Voltage Low
0.8
V
Input Current
−1.0
+1.0
mA
High−Side Driver
Output Resistance, Sourcing Current
VBST − VSW = 12 V (Note 8)
1.8
3.0
W
Output Resistance, Sinking Current
VBST − VSW = 12 V (Note 8)
1.0
2.5
W
Transition Times (Note 6)
trDRVH
tfDRVH
VBST − VSW = 12 V, CLOAD = 3.0 nF,
See Figure 3
18
10
25
15
ns
ns
Propagation Delay (Notes 6 & 7)
tpdhDRVH
tpdlDRVH
VBST − VSW = 12 V
30
25
60
45
ns
ns
Low−Side Driver
Output Resistance, Sourcing Current
VCC = 12 V (Note 8)
1.8
3.0
W
Output Resistance, Sinking Current
VCC − VSW = 12 V (Note 8)
1.0
2.5
W
Transition Times
trDRVL
tfDRVL
CLOAD = 3.0 nF, See Figure 3
16
11
25
15
ns
ns
Propagation Delay
tpdhDRVL
tpdlDRVL
See Figure 3
30
20
60
30
ns
ns
Undervoltage Lockout
UVLO
3.9
4.3
4.6
V
Hysteresis
(Note 8)
0.5
V
Thermal Shutdown
Over Temperature Protection
(Note 8)
150
170
°C
Hysteresis
(Note 8)
20
°C
5. All limits at temperature extremes are guaranteed via correlation using standard Statistical Quality Control (SQC).
6. AC specifications are guaranteed by characterization, but not production tested.
7. For propagation delays, “tpdh’’ refers to the specified signal going high; “tpdl’’ refers to it going low.
8. GBD: Guaranteed by design; not tested in production.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com