Electronic Components Datasheet Search
  English  ▼

X  

PIC16F767 Datasheet(PDF) 154 Page - Microchip Technology

Part # PIC16F767
Description  28/40/44-Pin, 8-Bit CMOS Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F767 Datasheet(HTML) 154 Page - Microchip Technology

Back Button PIC16F767 Datasheet HTML 150Page - Microchip Technology PIC16F767 Datasheet HTML 151Page - Microchip Technology PIC16F767 Datasheet HTML 152Page - Microchip Technology PIC16F767 Datasheet HTML 153Page - Microchip Technology PIC16F767 Datasheet HTML 154Page - Microchip Technology PIC16F767 Datasheet HTML 155Page - Microchip Technology PIC16F767 Datasheet HTML 156Page - Microchip Technology PIC16F767 Datasheet HTML 157Page - Microchip Technology PIC16F767 Datasheet HTML 158Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 276 page
background image
PIC16F7X7
DS30498C-page 152
 2004 Microchip Technology Inc.
REGISTER 12-1:
ADCON0: A/D CONTROL REGISTER 0 (ADDRESS 1Fh)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
ADCS1
ADCS0
CHS2
CHS1
CHS0
GO/DONE
CHS3
ADON
bit 7
bit 0
bit 7-6
ADCS1:ADCS0: A/D Conversion Clock Select bits
If ADCS2 = 0:
000
= FOSC/2
001
= FOSC/8
010
= FOSC/32
011
= FRC (clock derived from an RC oscillation)
If ADCS2 = 1:
00
= FOSC/4
01
= FOSC/16
10
= FOSC/64
11
= FRC (clock derived from an RC oscillation)
bit 5-3
CHS<2:0>: Analog Channel Select bits
0000
= Channel 00 (AN0)
0001
= Channel 01 (AN1)
0010
= Channel 02 (AN2)
0011
= Channel 03 (AN3)
0100
= Channel 04 (AN4)
0101
= Channel 05 (AN5)(1)
0110
= Channel 06 (AN6)(1)
0111
= Channel 07 (AN7)(1)
1000
= Channel 08 (AN8)
1001
= Channel 09 (AN9)
1010
= Channel 10 (AN10)
1011
= Channel 11 (AN11)
1100
= Channel 12 (AN12)
1101
= Channel 13 (AN13)
111x
=Unused
Note 1: Selecting AN5 through AN7 on the 28-pin product variant (PIC16F737 and
PIC16F767) will result in a full-scale conversion as unimplemented channels are
connected to VDD.
bit 2
GO/DONE: A/D Conversion Status bit
1
= A/D conversion cycle in progress. Setting this bit starts an A/D conversion cycle. This bit is
automatically cleared by hardware when the A/D conversion has completed.
0
= A/D conversion completed/not in progress
bit 1
CHS<3>: Analog Channel Select bit (see bit 5-3 for bit settings)
bit 0
ADON: A/D Conversion Status bit
1
= A/D converter module is operating
0
= A/D converter is shut-off and consumes no operating current
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com