Electronic Components Datasheet Search
  English  ▼

X  

PIC16F767 Datasheet(PDF) 155 Page - Microchip Technology

Part # PIC16F767
Description  28/40/44-Pin, 8-Bit CMOS Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F767 Datasheet(HTML) 155 Page - Microchip Technology

Back Button PIC16F767 Datasheet HTML 151Page - Microchip Technology PIC16F767 Datasheet HTML 152Page - Microchip Technology PIC16F767 Datasheet HTML 153Page - Microchip Technology PIC16F767 Datasheet HTML 154Page - Microchip Technology PIC16F767 Datasheet HTML 155Page - Microchip Technology PIC16F767 Datasheet HTML 156Page - Microchip Technology PIC16F767 Datasheet HTML 157Page - Microchip Technology PIC16F767 Datasheet HTML 158Page - Microchip Technology PIC16F767 Datasheet HTML 159Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 276 page
background image
 2004 Microchip Technology Inc.
DS30498C-page 153
PIC16F7X7
REGISTER 12-2:
ADCON1: A/D CONTROL REGISTER 1 (ADDRESS 9Fh)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
ADFM
ADCS2
VCFG1
VCFG0
PCFG3
PCFG2
PCFG1
PCFG0
bit 7
bit 0
bit 7
ADFM: A/D Result Format Select bit
1
= Right justified. Six Most Significant bits of ADRESH are read as ‘0’.
0
= Left justified. Six Least Significant bits of ADRESL are read as ‘0’.
bit 6
ADCS2: A/D Clock Divide by 2 Select bit
1
= A/D clock source is divided by two when system clock is used
0
= Disabled
bit 5
VCFG1: Voltage Reference Configuration bit 1
0
= VREF- is connected to VSS
1
= VREF- is connected to external VREF- (RA2)
bit 4
VCFG0: Voltage Reference Configuration bit 0
0
= VREF+ is connected to VDD
1
= VREF+ is connected to external VREF+ (RA3)
bit 3-0
PCFG<3:0>: A/D Port Configuration bits
Note:
AN5 through AN7 are only available on the 40-pin product variant (PIC16F747 and
PIC16F777).
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
AN13 AN12
AN11
AN10
AN9
AN8
AN7
AN6
AN5
AN4
AN3
AN2
AN1
AN0
0000
A
A
A
A
AAAA
AAAAA
A
0001
A
A
A
A
AAAA
AAAAA
A
0010
D
A
A
A
AAAA
AAAAA
A
0011
D
D
A
A
AAAA
AAAAA
A
0100
D
D
D
A
AAAA
AAAAA
A
0101
D
D
D
D
AAAA
AAAAA
A
0110
D
D
D
D
D
AAA
AAAAA
A
0111
D
D
D
D
D
D
AA
AAAAA
A
1000
D
D
D
D
D
D
D
A
AAAAA
A
1001
D
D
D
D
DDDD
AAAAA
A
1010
D
D
D
D
DDDDD
AAAA
A
1011
D
D
D
D
DDDDDD
A
A
A
A
1100
D
D
D
D
DDDDDDD
A
A
A
1101
D
D
D
D
DDDDDDDD
A
A
1110
D
D
D
D
DDDDDDDDDA
1111
D
D
D
D
DDDDDDDDD
D
Legend:
A = Analog input, D = Digital I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com