Electronic Components Datasheet Search
  English  ▼

X  

PIC16F767 Datasheet(PDF) 187 Page - Microchip Technology

Part # PIC16F767
Description  28/40/44-Pin, 8-Bit CMOS Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F767 Datasheet(HTML) 187 Page - Microchip Technology

Back Button PIC16F767 Datasheet HTML 183Page - Microchip Technology PIC16F767 Datasheet HTML 184Page - Microchip Technology PIC16F767 Datasheet HTML 185Page - Microchip Technology PIC16F767 Datasheet HTML 186Page - Microchip Technology PIC16F767 Datasheet HTML 187Page - Microchip Technology PIC16F767 Datasheet HTML 188Page - Microchip Technology PIC16F767 Datasheet HTML 189Page - Microchip Technology PIC16F767 Datasheet HTML 190Page - Microchip Technology PIC16F767 Datasheet HTML 191Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 276 page
background image
 2004 Microchip Technology Inc.
DS30498C-page 185
PIC16F7X7
15.15.1
INT INTERRUPT
External interrupt on the RB0/INT pin is edge-triggered,
either rising if bit INTEDG (OPTION_REG<6>) is set or
falling if the INTEDG bit is clear. When a valid edge
appears
on
the
RB0/INT
pin,
flag
bit
INT0IF
(INTCON<1>) is set. This interrupt can be disabled by
clearing enable bit, INT0IE (INTCON<4>). Flag bit
INT0IF must be cleared in software in the Interrupt
Service Routine before re-enabling this interrupt. The
INT interrupt can wake-up the processor from Sleep if
bit INT0IE was set prior to going into Sleep. The status
of Global Interrupt Enable bit, GIE, decides whether or
not the processor branches to the interrupt vector
following wake-up. See Section 15.18 “Power-Down
Mode (Sleep)” for details on Sleep mode.
15.15.2
TMR0 INTERRUPT
An overflow (FFh
→ 00h) in the TMR0 register will set
flag bit, TMR0IF (INTCON<2>). The interrupt can be
enabled/disabled
by
setting/clearing
enable
bit,
TMR0IE (INTCON<5>), see Section 6.0 “Timer0
Module”.
15.15.3
PORTB INTCON CHANGE
An input change on PORTB<7:4> sets flag bit, RBIF
(INTCON<0>). The interrupt can be enabled/disabled
by setting/clearing enable bit, RBIE (INTCON<4>), see
Section 2.2 “Data Memory Organization”.
15.16 Context Saving During Interrupts
During an interrupt, only the return PC value is saved
on the stack. Typically, users may wish to save key
registers during an interrupt (i.e., W, Status registers).
Since the upper 16 bytes of each bank are common in
the PIC16F7X7 devices, temporary holding registers,
W_TEMP,
STATUS_TEMP
and
PCLATH_TEMP,
should be placed in here. These 16 locations don’t
require banking and therefore, make it easier for
context save and restore. The same code shown in
Example 15-1 can be used.
EXAMPLE 15-1:
SAVING STATUS AND W REGISTERS IN RAM
MOVWF
W_TEMP
;Copy W to TEMP register
SWAPF
STATUS, W
;Swap status to be saved into W
CLRF
STATUS
;bank 0, regardless of current bank, Clears IRP,RP1,RP0
MOVWF
STATUS_TEMP
;Save status to bank zero STATUS_TEMP register
:
:(ISR)
;Insert user code here
:
SWAPF
STATUS_TEMP, W
;Swap STATUS_TEMP register into W
;(sets bank to original state)
MOVWF
STATUS
;Move W into STATUS register
SWAPF
W_TEMP, F
;Swap W_TEMP
SWAPF
W_TEMP, W
;Swap W_TEMP into W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com