Electronic Components Datasheet Search
  English  ▼

X  

PIC16F767 Datasheet(PDF) 183 Page - Microchip Technology

Part # PIC16F767
Description  28/40/44-Pin, 8-Bit CMOS Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F767 Datasheet(HTML) 183 Page - Microchip Technology

Back Button PIC16F767 Datasheet HTML 179Page - Microchip Technology PIC16F767 Datasheet HTML 180Page - Microchip Technology PIC16F767 Datasheet HTML 181Page - Microchip Technology PIC16F767 Datasheet HTML 182Page - Microchip Technology PIC16F767 Datasheet HTML 183Page - Microchip Technology PIC16F767 Datasheet HTML 184Page - Microchip Technology PIC16F767 Datasheet HTML 185Page - Microchip Technology PIC16F767 Datasheet HTML 186Page - Microchip Technology PIC16F767 Datasheet HTML 187Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 276 page
background image
 2004 Microchip Technology Inc.
DS30498C-page 181
PIC16F7X7
TRISA
1111 1111
1111 1111
uuuu uuuu
TRISB
1111 1111
1111 1111
uuuu uuuu
TRISC
1111 1111
1111 1111
uuuu uuuu
TRISD
1111 1111
1111 1111
uuuu uuuu
TRISE (PIC16F737/767)
TRISE (PIC16F747/777)
---- 1---
0000 1111
---- u---
0000 1111
---- 1---
uuuu uuuu
PIE1
0000 0000
0000 0000
-uuu uuuu
PIE2
000- 0-00
000- 0-00
uuu- u-uu
PCON
---- -1qq
---- -uuu
---- -uuu
OSCCON
-000 1000
-000 1000
-uuu uuuu
OSCTUNE
--00 0000
--00 0000
--uu uuuu
PR2
1111 1111
1111 1111
1111 1111
SSPADD
0000 0000
0000 0000
uuuu uuuu
SSPSTAT
0000 0000
0000 0000
uuuu uuuu
TXSTA
0000 -010
0000 -010
uuuu -u1u
SPBRG
0000 0000
0000 0000
uuuu uuuu
CMCON
0000 0111
0000 0111
uuuu uuuu
CVRCON
000- 0000
000- 0000
uuu- uuuu
WDTCON
---0 1000
---0 1000
---u uuuu
ADRESL
xxxx xxxx
uuuu uuuu
uuuu uuuu
ADCON1
0000 0000
0000 0000
uuuu uuuu
ADCON2
--00 0---
--00 0---
uuuu uuuu
PMDATA
xxxx xxxx
uuuu uuuu
uuuu uuuu
PMADR
xxxx xxxx
uuuu uuuu
uuuu uuuu
PMDATH
--xx xxxx
--uu uuuu
--uu uuuu
PMADRH
---- xxxx
---- uuuu
---- uuuu
PMCON1
1--- ---0
1--- ---u
1--- ---u
LVDCON
--00 0101
--00 0101
--uu uuuu
TABLE 15-4:
INITIALIZATION CONDITIONS FOR ALL REGISTERS (CONTINUED)
Register
Power-on Reset,
Brown-out Reset
MCLR Reset,
WDT Reset
Wake-up via WDT or
Interrupt
Legend: u = unchanged, x = unknown, — = unimplemented bit, read as ‘0’, q = value depends on condition.
Note 1:
One or more bits in INTCON, PIR1 and PR2 will be affected (to cause wake-up).
2:
When the wake-up is due to an interrupt and the GIE bit is set, the PC is loaded with the interrupt vector
(0004h).
3:
See Table 15-3 for Reset value for specific condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com