Electronic Components Datasheet Search
  English  ▼

X  

PIC16F767 Datasheet(PDF) 181 Page - Microchip Technology

Part # PIC16F767
Description  28/40/44-Pin, 8-Bit CMOS Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F767 Datasheet(HTML) 181 Page - Microchip Technology

Back Button PIC16F767 Datasheet HTML 177Page - Microchip Technology PIC16F767 Datasheet HTML 178Page - Microchip Technology PIC16F767 Datasheet HTML 179Page - Microchip Technology PIC16F767 Datasheet HTML 180Page - Microchip Technology PIC16F767 Datasheet HTML 181Page - Microchip Technology PIC16F767 Datasheet HTML 182Page - Microchip Technology PIC16F767 Datasheet HTML 183Page - Microchip Technology PIC16F767 Datasheet HTML 184Page - Microchip Technology PIC16F767 Datasheet HTML 185Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 276 page
background image
 2004 Microchip Technology Inc.
DS30498C-page 179
PIC16F7X7
TABLE 15-1:
TIME-OUT IN VARIOUS SITUATIONS
TABLE 15-2:
STATUS BITS AND THEIR SIGNIFICANCE
TABLE 15-3:
RESET CONDITION FOR SPECIAL REGISTERS
Oscillator
Configuration
Power-up
Brown-out Reset
Wake-up from
Sleep
PWRTE = 0
PWRTE = 1
PWRTE = 0
PWRTE = 1
XT, HS, LP
TPWRT + 1024 • TOSC
1024 • TOSC
TPWRT + 1024 • TOSC
1024 • TOSC
1024 • TOSC
EXTRC, INTRC
TPWRT
5-10
µs(1)
TPWRT
5-10
µs(1)
5-10
µs(1)
T1OSC
—
—
—
—
5-10
µs(1)
Note 1:
CPU start-up is always invoked on POR, BOR and wake-up from Sleep. The 5
µs-10 µs delay is based on
a 1 MHz system clock.
POR
BOR
TO
PD
0x1
1
Power-on Reset
0x0
x
Illegal, TO is set on POR
0xx
0
Illegal, PD is set on POR
101
1
Brown-out Reset
110
1
WDT Reset
110
0
WDT Wake-up
11u
u
MCLR Reset during normal operation
111
0
MCLR Reset during Sleep or Interrupt Wake-up from Sleep
Legend:
u = unchanged, x = unknown
Condition
Program
Counter
Status
Register
PCON
Register
Power-on Reset
000h
0001 1xxx
---- -10x
MCLR Reset during normal operation
000h
000u uuuu
---- -uuu
MCLR Reset during Sleep
000h
0001 0uuu
---- -uuu
WDT Reset
000h
0000 1uuu
---- -uuu
WDT Wake-up
PC + 1
uuu0 0uuu
---- -uuu
Brown-out Reset
000h
0001 1xxx
---- -1u0
Interrupt Wake-up from Sleep
PC + 1(1)
uuu1 0uuu
---- -uuu
Legend: u = unchanged, x = unknown, — = unimplemented bit, read as ‘0’
Note 1:
When the wake-up is due to an interrupt and the GIE bit is set, the PC is loaded with the interrupt vector
(0004h).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com