Electronic Components Datasheet Search
  English  ▼

X  

PIC16F767 Datasheet(PDF) 182 Page - Microchip Technology

Part # PIC16F767
Description  28/40/44-Pin, 8-Bit CMOS Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F767 Datasheet(HTML) 182 Page - Microchip Technology

Back Button PIC16F767 Datasheet HTML 178Page - Microchip Technology PIC16F767 Datasheet HTML 179Page - Microchip Technology PIC16F767 Datasheet HTML 180Page - Microchip Technology PIC16F767 Datasheet HTML 181Page - Microchip Technology PIC16F767 Datasheet HTML 182Page - Microchip Technology PIC16F767 Datasheet HTML 183Page - Microchip Technology PIC16F767 Datasheet HTML 184Page - Microchip Technology PIC16F767 Datasheet HTML 185Page - Microchip Technology PIC16F767 Datasheet HTML 186Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 276 page
background image
PIC16F7X7
DS30498C-page 180
 2004 Microchip Technology Inc.
TABLE 15-4:
INITIALIZATION CONDITIONS FOR ALL REGISTERS
Register
Power-on Reset,
Brown-out Reset
MCLR Reset,
WDT Reset
Wake-up via WDT or
Interrupt
W
xxxx xxxx
uuuu uuuu
uuuu uuuu
INDF
N/A
N/A
N/A
TMR0
xxxx xxxx
uuuu uuuu
uuuu uuuu
PCL
0000h
0000h
PC + 1(2)
STATUS
0001 1xxx
000q quuu(3)
uuuq quuu(3)
FSR
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTA
xx0x 0000
uu0u 0000
uuuu uuuu
PORTB
xx00 0000
uu00 0000
uuuu uuuu
PORTC
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTD
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTE (PIC16F737/767)
PORTE (PIC16F747/777)
---- x---
---- x000
---- u---
---- u000
---- u---
---- uuuu
PCLATH
---0 0000
---0 0000
---u uuuu
INTCON
0000 000x
0000 000u
uuuu uuuu(1)
PIR1
0000 0000
0000 0000
uuuu uuuu(1)
PIR2
000- 0-00
000- 0-00
uuu- u-uu
TMR1L
xxxx xxxx
uuuu uuuu
uuuu uuuu
TMR1H
xxxx xxxx
uuuu uuuu
uuuu uuuu
T1CON
-000 0000
-uuu uuuu
-uuu uuuu
TMR2
0000 0000
0000 0000
uuuu uuuu
T2CON
-000 0000
-000 0000
-uuu uuuu
SSPBUF
xxxx xxxx
uuuu uuuu
uuuu uuuu
SSPCON
0000 0000
0000 0000
uuuu uuuu
SSPCON2
0000 0000
0000 0000
uuuu uuuu
CCPR1L
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCPR1H
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCP1CON
--00 0000
--00 0000
--uu uuuu
CCP2CON
--00 0000
--00 0000
--uu uuuu
CCP3CON
--00 0000
--00 0000
uuuu uuuu
CCPR2L
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCPR2H
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCPR3L
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCPR3H
xxxx xxxx
uuuu uuuu
uuuu uuuu
RCSTA
0000 000x
0000 000x
uuuu uuuu
TXREG
0000 0000
0000 0000
uuuu uuuu
RCREG
0000 0000
0000 0000
uuuu uuuu
ADRESH
xxxx xxxx
uuuu uuuu
uuuu uuuu
ADCON0
0000 0000
0000 0000
uuuu uuuu
OPTION_REG
1111 1111
1111 1111
uuuu uuuu
Legend: u = unchanged, x = unknown, — = unimplemented bit, read as ‘0’, q = value depends on condition.
Note 1:
One or more bits in INTCON, PIR1 and PR2 will be affected (to cause wake-up).
2:
When the wake-up is due to an interrupt and the GIE bit is set, the PC is loaded with the interrupt vector
(0004h).
3:
See Table 15-3 for Reset value for specific condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com