Electronic Components Datasheet Search
  English  ▼

X  

EMD22 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # EMD22
Description  Dual Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

EMD22 Datasheet(HTML) 2 Page - Micro Commercial Components

  EMD22 Datasheet HTML 1Page - Micro Commercial Components EMD22 Datasheet HTML 2Page - Micro Commercial Components EMD22 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Revision: A
2017/01/21
www.mccsemi.com
2 of 3
Tr1 NPN ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Tr2 PNP ELECTRICAL CHARACTERISTICS (T a=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
VI(off)
VCC=5V, IO=100μA
0.5
V
Input voltage
VI(on)
VO=0.3V, IO=5mA
1.3
V
Output voltage
VO(on)
IO=5mA, II=0.25mA
0.3
V
Input current
II
I=5
V
V
1.8
mA
Output current
IO(off)
CC
V =50V, VI=0
0.5
μA
DC current gain
GI
O
V =5V, IO=10mA
80
Input resistance
R1
-
3.29
6.11
KΩ
Resistance ratio
R2/ R1
8
12
Transition frequency
fT
O=
V 10V, IO=5mA, f=100MHz
250
MHz
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
VI(off)
VCC=-5V, IO=-100μA
-0.5
V
Input voltage
VI(on)
VO=-0.3V, IO=-5mA
-1.3
V
Output voltage
VO(on)
IO=-5mA, II=-0.25mA
-0.3
V
Input current
II
I=-5V
V
-1.8
mA
Output current
IO(off)
CC=-
V
50V, VI=0
-0.5
μA
DC current gain
GI
O=-5
V
V, IO=-10mA
80
Input resistance
R1
-
3.29
6.11
KΩ
Resistance ratio
R2/ R1
8
12
Transition frequency
fT
O=-
V
10V, IO=-5mA, f=100MHz
250
MHz
Micro Commercial Components
M C C
R



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com