Electronic Components Datasheet Search
  English  ▼

X  

EMD22 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # EMD22
Description  Dual Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

EMD22 Datasheet(HTML) 1 Page - Micro Commercial Components

  EMD22 Datasheet HTML 1Page - Micro Commercial Components EMD22 Datasheet HTML 2Page - Micro Commercial Components EMD22 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Mechanical Data
EM
D22
Dual Transistors
Features
DTA143Z chip and DTC143Z chip are in a package
Mounting
possible with SOT-563 automatic mounting machines.
Transistor elements
are independent, eliminating interference
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
Revision:
A
20
17/01/21
www.mccsemi.com
1 of 3
•
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisure Sensitivity Level 1
Halogen free available upon request by adding suffix "-HF"
•
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.006
.011
0.15
0.30
B
.043
.0
51
1.10
1.
30
C
.0
59
.067
1.5
0
1.70
D
.020
0.50
G
.035
.043
0.90
1.10
H
.059
.067
1.50
1.70
K
.021
.023
0.525
0.60
L
.004
.011
0.10
0.30
M
.004
.007
0.10
0.18
SOT-563
A
M
L
B C
H
K
G
D
Marking:D22
DTr1 Absolute maximum ratings(Ta=25
℃ unless otherwise specified)
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
50
V
VIN
Input Voltage
-5~+30
V
IO
100
mA
IC(MAX)
Output Current
100
mA
PD
Power Dissipation
150
mW
TJ
Junction Temperature
150
℃
TSTG
Storage Temperature
-55~+150
℃
DTr
2 Absolute maximum ratings(Ta=25
℃ unless otherwise specified)
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
-50
V
VIN
V
Input oltage
-30~+5
V
IO
-100
mA
IC(MAX)
Output Current
-100
mA
PD
Powe Diss
r
ipation
150
mW
TJ
Junction Temperature
150
℃
TSTG
Storage Temperature
-55~+150
℃
Micro Commercial Components
M C C
R


Similar Part No. - EMD22

ManufacturerPart #DatasheetDescription
logo
Rohm
EMD22 ROHM-EMD22 Datasheet
82Kb / 4P
General purpose (dual digital transistors)
EMD22 ROHM-EMD22 Datasheet
170Kb / 4P
General purpose (dual digital transistors)
logo
Jiangsu Changjiang Elec...
EMD22 JIANGSU-EMD22 Datasheet
4Mb / 4P
Dual Digital Transistors (NPNPNP)
logo
Rohm
EMD22 ROHM-EMD22 Datasheet
1Mb / 12P
General purpose (dual digital transistor)
EMD22FHA ROHM-EMD22FHA Datasheet
1Mb / 10P
General purpose (Dual digital transistor)
More results

Similar Description - EMD22

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
MD982 CENTRAL-MD982 Datasheet
54Kb / 1P
Dual Transistors
2N2060 CENTRAL-2N2060 Datasheet
52Kb / 1P
Dual Transistors
MD6002 CENTRAL-MD6002 Datasheet
54Kb / 1P
Dual Transistors
logo
Micro Commercial Compon...
UMH2N MCC-UMH2N Datasheet
375Kb / 4P
Dual Transistors
UMT1N MCC-UMT1N Datasheet
541Kb / 4P
Dual Transistors
UMH2N MCC-UMH2N_11 Datasheet
401Kb / 4P
Dual Transistors
UMT1N MCC-UMT1N_11 Datasheet
382Kb / 4P
Dual Transistors
UMB4N MCC-UMB4N Datasheet
787Kb / 4P
Dual Transistors
UMY1N MCC-UMY1N Datasheet
467Kb / 3P
Dual Transistors
UMZ1N MCC-UMZ1N_13 Datasheet
522Kb / 5P
Dual Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com