Electronic Components Datasheet Search
  English  ▼

X  

CYRF6986 Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # CYRF6986
Description  WirelessUSB??LPstar 2.4 GHz Radio SoC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYRF6986 Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button CYRF6986 Datasheet HTML 9Page - Cypress Semiconductor CYRF6986 Datasheet HTML 10Page - Cypress Semiconductor CYRF6986 Datasheet HTML 11Page - Cypress Semiconductor CYRF6986 Datasheet HTML 12Page - Cypress Semiconductor CYRF6986 Datasheet HTML 13Page - Cypress Semiconductor CYRF6986 Datasheet HTML 14Page - Cypress Semiconductor CYRF6986 Datasheet HTML 15Page - Cypress Semiconductor CYRF6986 Datasheet HTML 16Page - Cypress Semiconductor CYRF6986 Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
CYRF6986
Document Number: 001-66073 Rev. *F
Page 13 of 23
Figure 8. SPI Timing
AC Characteristics
SPI Interface
Parameter [13, 14]
Description
Min
Typ
Max
Unit
tSCK_CYC
SPI Clock Period
238.1
–
–
ns
tSCK_HI
SPI Clock High Time
100
–
–
ns
tSCK_LO
SPI Clock Low Time
100
–
–
ns
tDAT_SU
SPI Input Data Setup Time
25
–
–
ns
tDAT_HLD
SPI Input Data Hold Time
10
–
–
ns
tDAT_VAL
SPI Output Data Valid Time
0
–
50
ns
tDAT_VAL_TRI
SPI Output Data Tri-state (MOSI from Slave Select Deassert)
–
–
20
ns
tSS_SU
SPI Slave Select Setup Time before first positive edge of SCK[15]
10
–
–
ns
tSS_HLD
SPI Slave Select Hold Time after last negative edge of SCK
10
–
–
ns
tSS_PW
SPI Slave Select Minimum Pulse Width
20
–
–
ns
tSCK_SU
SPI Slave Select Setup Time
10
–
–
ns
tSCK_HLD
SPI SCK Hold Time
10
–
–
ns
tRESET
Minimum RST Pin Pulse Width
10
–
–
ns
SCK
nSS
MOSI input
MISO
MOSI output
t
SCK_HI
t
SCK_LO
t
SS_SU
t
SCK_SU
t
SCK_CYC
t
SS_HLD
t
SCK_HLD
t
DAT_SU
t
DAT_HLD
t
DAT_VAL
t
DAT_VAL_TRI
Notes
13. AC values are not guaranteed if voltage on any pin exceeding VIO.
14. CLOAD = 30 pF
15. SCK must start low at the time SS goes LOW, otherwise the success of SPI transactions are not guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com